Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JCZ Datasheet(PDF) 1 Page - jb Capacitors Company

Part # JCZ
Description  Comply with the RoHS directive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCZ Datasheet(HTML) 1 Page - jb Capacitors Company

  JCZ Datasheet HTML 1Page - jb Capacitors Company JCZ Datasheet HTML 2Page - jb Capacitors Company JCZ Datasheet HTML 3Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Ø
Extra low impedance with temperature range -55~+105℃.
Ø
Impedance 40~60% less than JCD series
Ø
Comply with the RoHS directive.
SPECIFICATIONS
Operating Temperature
-55℃ ~ +105℃
Voltage Range
6.3V ~ 50V.DC
Capacitance Range
4.7 ~ 4700μF
Capacitance Tolerance
±
20% at 120Hz, 20℃
Leakage Current
Leakage current (Φ4~Φ10) ≤0.01CV or 3μA, whichever is greater
(After 2 minutes application of rated voltage)
Leakage current (Φ12.5~Φ16) ≤0.03CV or 4μA, whichever is greater
(After 1 minutes application of rated voltage)
Dissipation Factor (Tan δ)
Measurement Frequency: 120Hz, Temperature: 20℃
Rated Voltage (V)
6.3
10
16
25
35
50
Tan δ
(Max.)
Φ
4~Φ10
0.22
0.19
0.16
0.14
0.12
0.12
Φ
12.5~Φ16
0.26
0.22
0.18
0.16
0.14
0.12
Stability At Low Temp.
Measurement Frequency: 120Hz
Rated Voltage (V)
6.3
10
16
25
35
50
Impedance
Ratio
ZT/Z20
(Max.)
Φ
4~Φ10
Z(-25℃)/ Z(20℃)
3
2
2
2
2
2
Z(-55℃)/ Z(20℃)
5
4
4
3
3
3
Φ
12.5~Φ16
Z(-25℃)/ Z(20℃)
3
3
2
2
2
2
Z(-55℃)/ Z(20℃)
10
8
6
4
3
3
Load Life
After 3000 hours. (1000 hrs. for Ø4~ Ø6.3*5.4, 2000 hrs. for Ø 6.3*7.7& Ø 8) application of rated
voltage at 105℃, they meet the characteristics listed at right.
Capacitance Change
Within ± 25% of initial value.
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life
After leaving capacitors under no load at 105℃ for 1000 hours, they meet the specified value for load
life characteristics listed above.
Resistance to Soldering Heat
After reflow soldering and restored at room temperature, they meet the characteristics listed at right.
Capacitance Change
Within ± 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
DRAWING (Unit: mm)
*1 Voltage mark for 6.3V is [6V]
*2 Applicable toΦ6.3*7.7
*3 Applicable toΦ8*10.5~Φ10
*4 Applicable toΦ12.5~Φ16
SMD Aluminum Electrolytic Capacitor – JCZ
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JCZ

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
JCZ-37P-3 JST-JCZ-37P-3 Datasheet
2Mb / 24P
Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
JCZ-37P-90-3 JST-JCZ-37P-90-3 Datasheet
2Mb / 24P
Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
JCZ-37S-3 JST-JCZ-37S-3 Datasheet
2Mb / 24P
Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
JCZ-37S-90-3 JST-JCZ-37S-90-3 Datasheet
2Mb / 24P
Solder pot plug and socket DSUBMINIATURE CONNECTOR J SERIES
logo
jb Capacitors Company
JCZ JBCAPACITORS-JCZ_15 Datasheet
333Kb / 3P
SMD Aluminum Electrolytic Capacitor
More results

Similar Description - JCZ

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
XRCGB24M000F3N00R0 MURATA-XRCGB24M000F3N00R0 Datasheet
182Kb / 3P
the series complies to rohs directive
XRCGB24M576F0L00R0 MURATA-XRCGB24M576F0L00R0 Datasheet
185Kb / 3P
the series complies to rohs directive
XRCGB24M576F3G00R0 MURATA-XRCGB24M576F3G00R0 Datasheet
184Kb / 3P
the series complies to rohs directive
XRCGB24M576F3N00R0 MURATA-XRCGB24M576F3N00R0 Datasheet
183Kb / 3P
the series complies to rohs directive
XRCGB25M000F2P00R0 MURATA-XRCGB25M000F2P00R0 Datasheet
184Kb / 3P
the series complies to rohs directive
XRCGB26M000F3N00R0 MURATA-XRCGB26M000F3N00R0 Datasheet
184Kb / 3P
the series complies to rohs directive
XRCGB31M250F3M00R0 MURATA-XRCGB31M250F3M00R0 Datasheet
185Kb / 3P
the series complies to rohs directive
XRCGB31M250F3N00R0 MURATA-XRCGB31M250F3N00R0 Datasheet
184Kb / 3P
the series complies to rohs directive
logo
TE Connectivity Ltd
C-2058301 TEC-C-2058301 Datasheet
132Kb / 1P
MUST COMPLY WITH DIRECTIVE 2002/95/EC (ROHS)
logo
Yellow Stone Corp
GPL YSTONE-GPL Datasheet
492Kb / 2P
Compliant to the RoHS directive
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com