Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3264C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX3264C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3264C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX3264C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 12Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 13Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 14Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 15Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 16Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
______________________________________________________________________________________
15
Chip Topographies
IN-
GND
LEVEL
0.061"
(1.55mm)
0.061"
(1.55mm)
TH
N.C.
LOS
SQUELCH
VCC
OUT+
OUT-
VCC
LOS
CAZ1
N.C.
IN+
CAZ2
GND
IN-
GND
0.061"
(1.55mm)
0.061"
(1.55mm)
TH
N.C.
LOS
SQUELCH
VCC
OUT+
OUT-
VCC
LOS
CAZ1
N.C.
IN+
CAZ2
GND
MAX3264/MAX3265/MAX3765
MAX3268/MAX3269/MAX3768
MAX3264/MAX3265/MAX3765
TRANSISTOR COUNT: 726
MAX3268/MAX3269/MAX3768
TRANSISTOR COUNT: 728
SUBSTRATE CONNECTED TO GND
Selector Guide
*LEVEL pin grounded
CML
2.5
MAX3765
10 µMAX-EP
Enabled
Maximum*
PECL
2.5
MAX3269
CML
2.5
MAX3265
1.25
1.25
DATA RATE
(Gbps)
10 µMAX-EP
Disabled
10 µMAX-EP
Disabled
Disabled
Selectable
Selectable
SQUELCH
FUNCTION
10 µMAX-EP
16 TSSOP-EP
16 TSSOP-EP
PIN-
PACKAGE
N/A
Maximum*
N/A
Selectable
Selectable
CML OUTPUT
LEVEL
PECL
MAX3268
CML
MAX3264
OUTPUT
PART
PECL
1.25
MAX3768
10 µMAX-EP
Enabled
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com