Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3264C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3264C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3264C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3264C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
mV
V
V
mV
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
4
_______________________________________________________________________________________
Note 1: Specifications for Input Voltage Range, LOS Assert/Deassert Levels, and CML Output Voltage refer to the total differential
peak-to-peak signal applied or measured. PECL output voltages are absolute (single-ended) voltages measured at a single
output.
Note 2: Input edge speed is controlled using four-pole, lowpass Bessel filters with bandwidth approximately 75% of the maximum
data rate.
Note 3: Deterministic jitter is measured with a K28.5 pattern (0011 1110 1011 0000 0101). Deterministic jitter is the peak-to-peak
deviation from ideal time crossings, measured at the zero-level crossings of the differential output per ANSI X3.230,
Annex A.
Note 4: Random jitter is measured with the minimum input signal applied after filtering with a four-pole, lowpass, Bessel filter (fre-
quency bandwidth at 75% of the maximum data rate). For Fibre Channel and Gigabit Ethernet applications, the peak-to-
peak random jitter is 14.1-times the RMS random jitter.
Note 5: Input signal applied after a 933MHz Bessel filter.
Note 6: Input signal applied after a 1.8GHz Bessel filter.
Note 7: Input for LOS assert/deassert and hysteresis tests is a repeating K28.5 pattern. Hysteresis is defined as:
20log (VLOS-DEASSERT / VLOS-ASSERT).
Note 8: Response time to a 10dB change in input power.
ELECTRICAL CHARACTERISTICS—MAX3265EUE
(Data outputs terminated per Figure 1, VCC = +3.0V to +5.5V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V, TA = +25°C,
unless otherwise noted.) (Note 1)
CONDITIONS
Data Rate
Gbps
2.5
UNITS
MIN
TYP
MAX
PARAMETER
Input Voltage Range
mV
10
1200
(Notes 2, 3)
Deterministic Jitter
psp-p
11
25
(Notes 2, 4)
Random Jitter
psRMS
8
(Note 6)
Data Output Edge Speed
ps
100
155
(Notes 2, 7)
LOS Hysteresis
dB
2.2
4.4
(Notes 7, 8)
LOS Assert/Deassert Time
µs
1
Output Resistance (single ended)
Ω
85
100
115
CAZ = 0.1µF
kHz
2
CAZ = open
Low-Frequency Cutoff
MHz
2
f < 2MHz
Power-Supply Rejection Ratio
dB
20
Outputs AC-coupled
Output Signal When Squelched
20
ILOS = +1.2mA
LOS Output Low Voltage
0.450
ILOS = -30µA
LOS Output High Voltage
LEVEL = GND, RLOAD = 75
Ω
1100
1270
1800
LEVEL = open, RLOAD = 50
Ω
CML Output Voltage
550
1200
Input-Referred Noise
µVRMS
230
IN+ to IN-
Differential Input Resistance
Ω
97
100
103
Squelch Input Current
µA
0
80
400
RTH = 20k
Ω
High LOS Deassert Level
mV
67
111
RTH = 20k
Ω
High LOS Assert Level
mV
18.0
41.5
RTH = 7k
Ω
Medium LOS Deassert Level
mV
27
43.0
RTH = 7k
Ω
Medium LOS Assert Level
mV
9.9
16
RTH = 2.5k
Ω
Low LOS Deassert Level
mV
8.5
13.6
RTH = 2.5k
Ω
Low LOS Assert Level
mV
2.20
4.8
Figure 2
Power-Supply Current
mA
50
76
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com