Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3264C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3264C/D
Description  3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3264C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3264C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3264C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
+3.0V to +5.5V, 1.25Gbps/2.5Gbps
Limiting Amplifiers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Data outputs terminated per Figure 1, VCC = +3.0V to +5.5V, TA = 0°C to +70°C. Typical values are at VCC = +3.3V, TA = +25°C,
unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAX3264/MAX3268/MAX3768
5.6
9
Medium LOS Assert Level
RTH = 7k
Ω
MAX3265/MAX3269/MAX3765
9.9
16
mV
MAX3264/MAX3268/MAX3768
15
19.8
Medium LOS Deassert Level
RTH = 7k
Ω
MAX3265/MAX3269/MAX3765
27
40.5
mV
MAX3264/MAX3268/MAX3768
9.4
21.6
High LOS Assert Level
RTH = 20k
Ω
MAX3265/MAX3269/MAX3765
18.0
41.5
mV
MAX3264/MAX3268/MAX3768
35
High LOS Deassert Level
RTH = 20k
Ω
MAX3265/MAX3269/MAX3765
67
mV
Squelch Input Current
0
80
400
µA
Differential Input Resistance
IN+ to IN-
97
100
103
Ω
MAX3264/MAX3268/MAX3768
150
Input-Referred Noise
MAX3265/MAX3269/MAX3765
230
µVRMS
LEVEL = open, RLOAD = 50
Ω
550
1200
CML Output Voltage
LEVEL = GND, RLOAD = 75
Ω
1100
1270
1800
mV
PECL Output High Voltage
Referenced to VCC
-1.025
-0.880
V
PECL Output Low Voltage
Referenced to VCC
-1.810
+1.620
V
LOS Output High Voltage
ILOS = -30µA
2.4
V
LOS Output Low Voltage
ILOS = +1.2mA
0.4
V
Output Signal When Squelched
Outputs AC-coupled
20
mV
Power-Supply Rejection Ratio
f < 2MHz
20
dB
CAZ = open
2
MHz
Low-Frequency Cutoff
CAZ = 0.1µF
2
kHz
MAX3264/MAX3265/MAX3765
85
100
115
Output Resistance (Single Ended)
MAX3268/MAX3269/MAX3768
4
Ω
MAX3268
39
62
MAX3269
48
78
MAX3264
38
62
MAX3265
50
76
MAX3765
50
76
Output not
squelched
MAX3768
39
62
Power-Supply Current
Figure 2
Output squelched
MAX3765
64
90
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com