Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC2 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABC2
Description  MICROPROCESSOR CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABC2 Datasheet(HTML) 1 Page - Abracon Corporation

  ABC2_15 Datasheet HTML 1Page - Abracon Corporation ABC2_15 Datasheet HTML 2Page - Abracon Corporation ABC2_15 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
| | | | | | | | | | | | | | |
ABC2
LOW FREQUENCY CERAMIC SURFACE MOUNT
MICROPROCESSOR CRYSTAL
STANDARD SPECIFICATIONS:
APPLICATIONS:
• Wide range in communication & measuring equipment
• Commercial & Industrial applications
• Ceramic package offers excellent environmental & heat resistance
• Extended temperature -40°C to +85°C for industrial applications
FEATURES:
• Low frequency in small size SMD
• 1.9mm height ideal for high density circuit boards
RoHS
Compliant
RoHS compliant with exemption of Pb in glass
(exempt per RoHS 2002/95/EC Annex (5))
30332 Esperanza,Rancho SantaMargarita,California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
11.8 x 5.5 x 1.9mm
Revised: 01.13.14
Visit www.abracon.com for Terms & Conditions of Sale
Table 1
Frequency Ranges
Operation mode
ESR (max)
3.200MHz ~ 3.499MHz
Fundamental
200 Ω
3.500MHz ~ 3.999MHz
Fundamental
140 Ω
4.000MHz ~ 4.399MHz
Fundamental
120 Ω
4.400MHz ~ 4.899MHz
Fundamental
100 Ω
4.900MHz ~ 5.999MHz
Fundamental
80 Ω
6.000MHz ~ 6.999MHz
Fundamental
60 Ω
7.000MHz ~ 7.999MHz
Fundamental
50 Ω
8.000MHz ~ 10.999MHz
Fundamental
45 Ω
11.000MHz ~ 11.999MHz
Fundamental
40 Ω
12.000MHz ~ 14.999MHz
Fundamental
35 Ω
15.000MHz ~ 36.000MHz
Fundamental
30 Ω
27.000MHz ~ 70.000MHz
3rd OT
100Ω
• Suitable for RoHS compliant reflow
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture Sensitive - MSL = N/A: Not Applicable
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
3.500
30.000
MHz
Fundamental, AT
30.000
70.000
3rd Overtone, AT
Operation Mode
Fundamental or 3rd Overtone
Operating Temperature
-10
+60
ºC
Please see available options under Part
Identification section
Storage Temperature
-55
+125
ºC
Frequency Tolerance @+25°C
-50
+50
ppm
See options
Frequency Stability over the Operating
Temperature -10 °C to +60 °C
( ref. to +25°C)
-50
+50
ppm
Standard for below 6.0MHz (-10 °C to
+60 °C) See options for other
temperature
-30
+30
Standard for 6.0MHz and above; (-10 °C
to +60 °C) See options for other
temperature
Equivalent series resistance (R1)
See table 1 below
Ω
Shunt capacitance (C0)
7
pF
Load capacitance (CL)
18
pF
See options
Drive Level
100
µW
Aging@25°C±3°C
±5
ppm
First year
Insulation Resistance
500
M Ω
@ 100Vdc ± 15V


Similar Part No. - ABC2_15

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
Remote Sense
logo
Power-One
ABC201-1005G POWER-ONE-ABC201-1005G Datasheet
558Kb / 4P
160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
logo
Bel Fuse Inc.
ABC201-1005G BEL-ABC201-1005G Datasheet
881Kb / 6P
Remote Sense
logo
Power-One
ABC201-1012G POWER-ONE-ABC201-1012G Datasheet
558Kb / 4P
160 W convection cooled, Conducted EMI EN 55022-B, FCC Part 15 Level B
logo
Bel Fuse Inc.
ABC201-1012G BEL-ABC201-1012G Datasheet
881Kb / 6P
Remote Sense
More results

Similar Description - ABC2_15

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MP-2 MTRONPTI-MP-2 Datasheet
274Kb / 1P
Microprocessor Crystal
logo
TEMEX
RHC-49US TEMEX-RHC-49US Datasheet
442Kb / 5P
SMD Microprocessor Crystal
logo
Abracon Corporation
ABLS3 ABRACON-ABLS3_15 Datasheet
2Mb / 2P
MICROPROCESSOR CRYSTAL
07.05.11
ABLS7M ABRACON-ABLS7M Datasheet
3Mb / 4P
SMD MICROPROCESSOR CRYSTAL
01.06.15
ABM7 ABRACON-ABM7_15 Datasheet
1Mb / 3P
MICROPROCESSOR CRYSTAL
08.06.15
ABMC2 ABRACON-ABMC2_15 Datasheet
872Kb / 3P
SMD MICROPROCESSOR CRYSTAL
08.19.10
logo
Raltron Electronics Cor...
A-16.000-20 RALTRON-A-16.000-20 Datasheet
89Kb / 1P
MICROPROCESSOR CRYSTAL UNIT
A-20.000-20 RALTRON-A-20.000-20 Datasheet
89Kb / 1P
MICROPROCESSOR CRYSTAL UNIT
A-24.576-20 RALTRON-A-24.576-20 Datasheet
89Kb / 1P
MICROPROCESSOR CRYSTAL UNIT
logo
Abracon Corporation
ABL ABRACON-ABL_V01 Datasheet
1Mb / 3P
MICROPROCESSOR CRYSTAL
Revised: 01.08.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com