Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABC2
Description  MICROPROCESSOR CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABC2 Datasheet(HTML) 2 Page - Abracon Corporation

  ABC2_15 Datasheet HTML 1Page - Abracon Corporation ABC2_15 Datasheet HTML 2Page - Abracon Corporation ABC2_15 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTIONS AND PART IDENTIFICATION: (Left blank if standard)
| | | | | | | | | | | | | | |
ABC2
LOW FREQUENCY CERAMIC SURFACE MOUNT
MICROPROCESSOR CRYSTAL
RoHS
Compliant
RoHS compliant with exemption of Pb in glass
(exempt per RoHS 2002/95/EC Annex (5))
30332 Esperanza,Rancho SantaMargarita,California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
11.8 x 5.5 x 1.9mm
Revised: 01.13.14
Visit www.abracon.com for Terms & Conditions of Sale
ABC2 -
MHz - -
- - - -
Frequency in MHz
Please specify the frequency
in MHz.
e.g. 14.31818MHz
Packaging
Blank: Bulk
T: Tape & Reel (1k pcs /reel)
Load Capacitance (pF)
Please specify CL in pF
or S for series
Freq. Stability
Blank: Standard
G*: ± 15 ppm
W*: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Z: ± 50 ppm
Q: ± 100 ppm
Custom ESR if other
than standard
R□
□: Specify a value in Ω
(e.g.: R40)
Operating Temp.
Blank: -10°C ~ +60°C
B: -20°C ~ +70°C
D**: -40°C ~ +85°C
Freq. Tolerance
Blank: ± 50 ppm
2: ± 20 ppm
4: ± 30 ppm
* Option B and -10 ~60°C only
** Option Y, Z and Q only for F≥6.0MHz; Option Z and Q only for F<6.0MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com