Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC2 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABC2
Description  MICROPROCESSOR CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABC2 Datasheet(HTML) 3 Page - Abracon Corporation

  ABC2_15 Datasheet HTML 1Page - Abracon Corporation ABC2_15 Datasheet HTML 2Page - Abracon Corporation ABC2_15 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimension : mm
Need a test socket for the ABC2 Series? To view
compatible PRECISION TEST & BURN-IN SOCKETS
for these parts, click here. P/N AXS-1155-04-01
TAPE & REEL:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for
Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not specifically
designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high
reliability where component failure could result in loss of life and/or property. For applications requiring high
reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon
Corporation is required. Please contact Abracon Corporation for more information.
30332 Esperanza,Rancho SantaMargarita,California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
| | | | | | | | | | | | | | |
ABC2
LOW FREQUENCY CERAMIC SURFACE MOUNT
MICROPROCESSOR CRYSTAL
RoHS
Compliant
RoHS compliant with exemption of Pb in glass
(exempt per RoHS 2002/95/EC Annex (5))
11.8 x 5.5 x 1.9mm
Revised: 01.13.14
Visit www.abracon.com for Terms & Conditions of Sale
T: 1,000 pcs/reel
OUTLINE DRAWING:
Dimension : Inches (mm)
REFLOW PROFILE:
Sealing Method = Glass Sealing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com