Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDM982 Datasheet(PDF) 19 Page - International Rectifier

Part # IRDM982
Description  Dynamic overcurrent limit per temperature
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDM982 Datasheet(HTML) 19 Page - International Rectifier

Back Button IRDM982 Datasheet HTML 15Page - International Rectifier IRDM982 Datasheet HTML 16Page - International Rectifier IRDM982 Datasheet HTML 17Page - International Rectifier IRDM982 Datasheet HTML 18Page - International Rectifier IRDM982 Datasheet HTML 19Page - International Rectifier IRDM982 Datasheet HTML 20Page - International Rectifier IRDM982 Datasheet HTML 21Page - International Rectifier IRDM982 Datasheet HTML 22Page - International Rectifier IRDM982 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
IRDM982 Series
19 www.irf.com
© 2015 International Rectifier
April 8, 2015
Lead Definitions
Symbol
Pin #
Description
VSP
10
Voltage Set Point analog input. Provides the value of the PWM modulation index to the controller.
PG
14
Provides speed feedback to through pulses per revolution. It is an open drain output 15V tolerant.
Output is a square wave of a 3 pulses per electrical cycle of fundamental frequency
DIR
15
Motor Direction Input (internally pulled up high = U
VW)
EFF
9
Load curve selection parameter Input for efficiency improvement
XTAL
40
Clock buffer output
CLKIN
1
Clock buffer input
VSS
11
Logic ground
COM
16,17
Analog input ITRIP and Power Ground and Low side MOSFET cource
VCC
13
15V supply voltage
HALL1+
4
Hall sensor 1 positive input
HALL1-
3
Hall sensor 1 negative input
HALL2+
6
Hall sensor 2 positive input
HALL2-
5
Hall sensor 2 negative input
HALL3+
8
Hall sensor 3 positive input
HALL3-
7
Hall sensor 3 negative input
VDD
2
3.3V output
U
18,19
U phase output
V
20,21
V phase output
W
22,23,24,
25,26
W phase output
VBU
37
Phase U High side Bootstrap capacitor positive
VBV
38
Phase V High side Bootstrap capacitor positive
VBW
39
Phase W High side Bootstrap capacitor positive
VSU
36
Phase U High side Bootstrap capacitor negative
VSV
35
Phase V High side Bootstrap capacitor negative
VSW
34
Phase W High side Bootstrap capacitor negative
DCBUS
27,28,29,
30,31,32,
33
DC Bus voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com