Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDM982 Datasheet(PDF) 26 Page - International Rectifier

Part # IRDM982
Description  Dynamic overcurrent limit per temperature
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDM982 Datasheet(HTML) 26 Page - International Rectifier

Back Button IRDM982 Datasheet HTML 19Page - International Rectifier IRDM982 Datasheet HTML 20Page - International Rectifier IRDM982 Datasheet HTML 21Page - International Rectifier IRDM982 Datasheet HTML 22Page - International Rectifier IRDM982 Datasheet HTML 23Page - International Rectifier IRDM982 Datasheet HTML 24Page - International Rectifier IRDM982 Datasheet HTML 25Page - International Rectifier IRDM982 Datasheet HTML 26Page - International Rectifier IRDM982 Datasheet HTML 27Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
IRDM982 Series
26 www.irf.com
© 2015 International Rectifier
April 8, 2015
Soldering temperature profile
The following soldering temperature profile is recommended. Any temperature which may exceed those
indicated below is not recommended and may cause a permanent damage to the physical component such
as deformation.
60-80second
150C
200C
60-150second
Max
260C
221C
Figure 13 Recommended soldering temperature profile
Condition
Value
Remark
Temperature rise rate
3°C
Temperature fall rate
6°C
Number of reflow
2
Manual soldering temperature
260°C
Manual soldering time
10 second
Table 3 Recommended soldering reflow condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com