Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRDM982 Datasheet(PDF) 5 Page - International Rectifier

Part # IRDM982
Description  Dynamic overcurrent limit per temperature
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDM982 Datasheet(HTML) 5 Page - International Rectifier

  IRDM982 Datasheet HTML 1Page - International Rectifier IRDM982 Datasheet HTML 2Page - International Rectifier IRDM982 Datasheet HTML 3Page - International Rectifier IRDM982 Datasheet HTML 4Page - International Rectifier IRDM982 Datasheet HTML 5Page - International Rectifier IRDM982 Datasheet HTML 6Page - International Rectifier IRDM982 Datasheet HTML 7Page - International Rectifier IRDM982 Datasheet HTML 8Page - International Rectifier IRDM982 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
IRDM982 Series
5 www.irf.com
© 2015 International Rectifier
April 8, 2015
Qualification Information
Qualification Level
Industrial
†† (per JEDEC JESD 47)
Stress Test ; Preconditioning, Temp Cycle, Autoclave, THB, HTSL, LTSL, IOL,
Moisture Sensitivity Level
PQFN
MSL3
††† (per IPC/JEDEC J-STD-020)
Floor Life
Time ; 168 hours
Conditions ; <30°C/60% RH
Bake conditions ; 125 +5/-0°C,
24 hours minimum
ESD
Machine Model
Class B (per JEDEC Standard JESD22-A115)
R1=0Ω, C1=200pF+/-10%
Any part that passes after exposure to an ESD pulse of 200V, but fails after exposure to an
ESD pulse of 400V.
Human Body Model
Class 2 (per EIA/JEDEC standard EIA/JESD22-A114)
R1=1500
Ω+/-1%, C1=100pF+/-10%
Any part that passes after exposure to an ESD pulse of 2000V, but fails after exposure to an
ESD pulse of 4000V.
Charged Device Model
Class IV (per JEDEC standard JESD22-C101
>1000V
IC Latch-Up Test
Class I, Level A (per JESD78)
Testing performed at room temperature ambient.
The failure criteria as defined in table 1.
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International
Rectifier sales representative for further information.
†††
Higher MSL ratings may be available for the specific package types listed here. Please contact your International Rectifier
sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com