Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX366 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX366
Description  Signal-Line Circuit Protectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX366 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX366 Datasheet HTML 1Page - Maxim Integrated Products MAX366 Datasheet HTML 2Page - Maxim Integrated Products MAX366 Datasheet HTML 3Page - Maxim Integrated Products MAX366 Datasheet HTML 4Page - Maxim Integrated Products MAX366 Datasheet HTML 5Page - Maxim Integrated Products MAX366 Datasheet HTML 6Page - Maxim Integrated Products MAX366 Datasheet HTML 7Page - Maxim Integrated Products MAX366 Datasheet HTML 8Page - Maxim Integrated Products MAX366 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Signal-Line Circuit Protectors
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Guaranteed, but not tested.
Note 2: See
Typical Operating Characteristics curves for fault-free analog signal range at various supply voltages.
V+ to V-......................................................................-0.3V, +44V
IN_, OUT_ ..................................................(V- + 44V), (V+ - 44V)
Continuous Current into Any Terminal..............................±30mA
Peak Current into Any Terminal
(pulsed at 1ms, 10% duty cycle)...................................±70mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ....727mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C).........640mW
18-Pin Plastic DIP (derate 11.11mW/°C above +70°C) ...889mW
18-Pin Wide SO (derate 9.52mW/°C above +70°C) .....762mW
18-Pin CERDIP (derate 10.53mW/°C above +70°C).....842mW
Operating Temperature Ranges
MAX36_C_ _ ........................................................0°C to +70°C
MAX36_E_ _......................................................-40°C to +85°C
MAX36_M_ _ ...................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
V+ = V- = 0V, VOUT = 0V,
VIN = ±35V
V+ = 15V, V- = -15V (Note 2)
(Note 1)
V+ = 10V, V- = -10V, VIN = ±5V,
IOUT = 1mA
VIN = ±10V, IOUT = 1mA
VIN = V+ or V-,
100k
Ω < ROUT < 1000MΩ (Note 1)
V+ = 15V, V- = -15V, VIN = ±10V,
IOUT = 1mA
V+ = 5V, V- = -5V, VIN = ±2V,
IOUT = 1mA
CONDITIONS
nA
-10
10
IIN(OFF)
Signal-Path Leakage
(with Overvoltage)
Ω
10
∆R(IN-OUT)
Signal-Path Resistance Match
7
Ω
400
R(IN-OUT)
Analog-Signal-Path Resistance
V
-11
11
VIN, VOUT
V
(V+ - 40)
(V- + 40)
VIN, VOUT
Analog Signal Range
Fault-Free Analog Signal Range
140
350
150
125
62
100
V
(V- + 3)
(V+ - 1.5)
VOUT
Analog-Signal Output
Range (Fault)
62
85
100
125
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
+25°C
All
All
+25°C
M
C, E, M
C, E
+25°C
All
+25°C
C, E
+25°C
M
C, E, M
TEMP.
RANGE
V+ = V- = 0V, VIN = ±35V,
VOUT = open circuit
nA
-1000
1000
IIN(OFF)
Signal-Path Leakage
(Power Off)
-10
10
C, E, M
+25°C
VIN = ±25V, VOUT = open circuit
nA
-1000
1000
IIN(ON)
Signal-Path Leakage
(with Fault Condition)
-10
10
C, E, M
+25°C
VIN = VOUT = ±10V
nA
-100
100
IOUT(ON)
Signal-Path Leakage
(without Fault Condition)
-1
1
C, E, M
+25°C
-1
1
+25°C
R(IN-OUT) < 1000Ω (Note 2)
V
±2.25
±18
V+, V-
Power-Supply Range
(without Fault Condition)
+25°C,
C, E, M
µA
-10
10
I+, I-
Power-Supply Current
C, E, M
V
0
±18
V+, V-
Power-Supply Range
+25°C,
C, E, M
C, E, M
-1000
1000
POWER SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com