Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX366 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX366
Description  Signal-Line Circuit Protectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX366 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX366 Datasheet HTML 1Page - Maxim Integrated Products MAX366 Datasheet HTML 2Page - Maxim Integrated Products MAX366 Datasheet HTML 3Page - Maxim Integrated Products MAX366 Datasheet HTML 4Page - Maxim Integrated Products MAX366 Datasheet HTML 5Page - Maxim Integrated Products MAX366 Datasheet HTML 6Page - Maxim Integrated Products MAX366 Datasheet HTML 7Page - Maxim Integrated Products MAX366 Datasheet HTML 8Page - Maxim Integrated Products MAX366 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Signal-Line Circuit Protectors
4
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(V+ = +15V, V- = -15V, TA = +25°C, unless otherwise noted.)
V+ = 5V, V- = -5V
CHAN 1: INPUT OVERVOLTAGE RAMP ±7V, 2V/div
CHAN 2: OUTPUT; OUTPUT LOAD = 1000
Ω, 2V/div
OVERVOLTAGE RAMP
-12
10
MAX366 FREQUENCY RESPONSE
FREQUENCY (Hz)
-10
-8
-6
-4
-2
0
1k
10k
100k
1M
10M 100M
100
SOURCE = 50
Ω
LOAD = 50
Ω
V+ = 5V
V- = -5V
100
PATH RESISTANCE vs. INPUT VOLTAGE
(SINGLE SUPPLY)
INPUT VOLTAGE (V)
10
1
V+ = 35V
V+ = 25V
V+ = 15V
V+ = 10V
V+ = 5V
V- = 0V
10
100
1k
10k
100k
1M
10M
1G
100M
Circuit of Fig. 6
500
0
100
PATH RESISTANCE vs. INPUT VOLTAGE
(SINGLE SUPPLY)
400
INPUT VOLTAGE (V)
200
100
10
1
300
50
450
250
150
350
V+ = 35V
V+ = 25V
V+ = 15V
V+ = 10V
V+ = 5V
V- = 0V
Circuit of Fig. 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com