Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX366 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX366
Description  Signal-Line Circuit Protectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX366 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX366 Datasheet HTML 1Page - Maxim Integrated Products MAX366 Datasheet HTML 2Page - Maxim Integrated Products MAX366 Datasheet HTML 3Page - Maxim Integrated Products MAX366 Datasheet HTML 4Page - Maxim Integrated Products MAX366 Datasheet HTML 5Page - Maxim Integrated Products MAX366 Datasheet HTML 6Page - Maxim Integrated Products MAX366 Datasheet HTML 7Page - Maxim Integrated Products MAX366 Datasheet HTML 8Page - Maxim Integrated Products MAX366 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Signal-Line Circuit Protectors
_______________________________________________________________________________________
3
-25
-35
15
25
35
TRANSFER CHARACTERISTICS
(BIPOLAR SUPPLIES)
INPUT VOLTAGE (V)
0
-15
-5
5
-15
15
0
-10
-5
10
5
V+ = +3V,
V- = -3V
V+ = +5V,
V- = -5V
V+ = +15V, V- = -15V
V+ = +15V, V- = -15V
V+ = +10V, V- = -10V
V+ = +10V, V- = -10V
OUTPUT
LOAD = 1M
Ω
15
25
35
20
30
TRANSFER CHARACTERISTICS
(SINGLE SUPPLY)
INPUT VOLTAGE (V)
VIN > (V+ - 35V)
0
10
5
15
0
10
25
20
5
V+ = 25V
V+ = 15V
V+ = 10V
V+ = 5V
OUTPUT LOAD = 1M
Ω
V- = 0V
1E+01
1E+02
1E+03
1E+04
1E+05
1E+06
1E+07
1E+08
-15
15
PATH RESISTANCE vs. INPUT VOLTAGE
(BIPOLAR SUPPLIES)
INPUT VOLTAGE (V)
0
-10
-5
10
5
V± = ±15V
Circuit of Fig. 6
V± = ±10V
V± = ±5V
V± = ±3V
500
0
-15
15
PATH RESISTANCE vs. INPUT VOLTAGE
(BIPOLAR SUPPLIES)
400
INPUT VOLTAGE (V)
0
200
100
-10
-5
10
300
50
450
250
150
350
5
V± = ±15V
V± = ±10V
V± = ±5V
V± = ±3V
Circuit of Fig. 6
__________________________________________Typical Operating Characteristics
(V+ = +15V, V- = -15V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com