Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX361C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX361C/D
Description  Precision, Quad, SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX361C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX361C/D Datasheet HTML 1Page - Maxim Integrated Products MAX361C/D Datasheet HTML 2Page - Maxim Integrated Products MAX361C/D Datasheet HTML 3Page - Maxim Integrated Products MAX361C/D Datasheet HTML 4Page - Maxim Integrated Products MAX361C/D Datasheet HTML 5Page - Maxim Integrated Products MAX361C/D Datasheet HTML 6Page - Maxim Integrated Products MAX361C/D Datasheet HTML 7Page - Maxim Integrated Products MAX361C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = 12V, V- = 0V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(Note 2)
SWITCH
VCOM_,
Analog-Signal Range
VNO_,
(Note 3)
0
12
V
VNC_
RON
TA = +25°C
100
160
Ω
TA = TMIN to TMAX
200
SUPPLY
Power-Supply Range
V+
10
30
V
Positive Supply Current
I+
15
100
µA
Negative Supply Current
I-
TA = +25°C
-1
-0.0001
1
µA
TA = TMIN to TMAX
-5
+5
µA
Ground Current
IGND
-100
-15
DYNAMIC
Turn-On Time
tON
Figure 1, VS = 8V
TA = +25°C
300
400
ns
Turn-Off Time
tOFF
Figure 1, VS = 8V
TA = +25°C
60
200
ns
Charge Injection
Q
CL = 1nF, VGEN = 0V,
TA = +25°C
5
10
pC
Precision, Quad, SPST Analog Switches
4
_______________________________________________________________________________________
I(NC or NO) = 1.0mA,
VCOM__ = 3V, 8V,
V+ = 10.8V
On Resistance
(COM_ to NO_ or
COM_ to NC_ terminals)
All channels on or off,
VIN = 0V or 5V
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4: On resistance match between channels and flatness are guaranteed only with bipolar-supply operation.
Note 5: See Figure 3. Off Isolation = 20 log10
, VCOM = output, VNC or NO = input to off switch.
Note 6: Between any two switches. See Figure 4.
VCOM
VNC_ or VNO_
All channels on or off, VIN = 0V or 5V
All channels on or off, VIN = 0V or 5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com