Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX361C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX361C/D
Description  Precision, Quad, SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX361C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX361C/D Datasheet HTML 1Page - Maxim Integrated Products MAX361C/D Datasheet HTML 2Page - Maxim Integrated Products MAX361C/D Datasheet HTML 3Page - Maxim Integrated Products MAX361C/D Datasheet HTML 4Page - Maxim Integrated Products MAX361C/D Datasheet HTML 5Page - Maxim Integrated Products MAX361C/D Datasheet HTML 6Page - Maxim Integrated Products MAX361C/D Datasheet HTML 7Page - Maxim Integrated Products MAX361C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Precision, Quad, SPST Analog Switches
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
CHARGE INJECTION vs.
VCOM VOLTAGE
-20
0
20
40
-14
-10
0
10
14
VCOM (V)
V+ = 15V
V- = -15V
CL = 1nF
CHARGE INJECTION vs.
VCOM VOLTAGE
-10
0
10
0
5
10
12
VCOM (V)
V+ = 12V
V- = 0V
CL = 1nF
___________Applications Information
Operation with Supply Voltages
Other Than ±15VO
Using supply voltages other than ±15V is reduces the
analog signal range. The MAX361/MAX362 switches
operate with bipolar supplies of ±4.5V to ±20V. Typical
operating characteristic graphs show typical on resis-
tance for ±15V, ±10V, and ±5V supplies. Switching
times increase by a factor of two or more for ±5V oper-
ation. The MAX361/MAX362 can also operate from
+10V to +30V unipolar supplies. Both parts can also
be powered from unbalanced supplies such as +24V
and -5V. Connect V- to 0V when operating with a sin-
gle supply.
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings, because stresses beyond the listed rat-
ings may cause permanent damage to the devices.
Always sequence V+ on first, followed by V-, and logic
inputs. If power-supply sequencing is not possible,
add two small signal diodes in series with the supply
pins for overvoltage protection (Figure 6). Adding the
diodes reduces the analog signal range to 1V below
V+ and 1V below V-, but low switch resistance and low
leakage characteristics are unaffected. Device opera-
tion is unchanged, and the difference from V+ to V-
should not exceed +44V.
PIN
NAME
MAX361
MAX362
FUNCTION
1, 16, 9, 8
IN1-IN4
IN1-IN4
Logic-level input
2, 15, 10, 7
COM1-COM4
COM1-COM4
Analog switch common terminal
3, 14, 11, 6
NC1-NC4
NO1-NO4
NC (normally closed, MAX361)
NO (normally open, MAX362)
Analog switch terminal
4
V-
V-
Negative supply voltage input
5
GND
GND
Ground
12
N.C.
N.C.
Not internally connected
13
V+
V+
Positive supply voltage input—connected to substrate.
______________________________________________________________Pin Description



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com