Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX361C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX361C/D
Description  Precision, Quad, SPST Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX361C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX361C/D Datasheet HTML 1Page - Maxim Integrated Products MAX361C/D Datasheet HTML 2Page - Maxim Integrated Products MAX361C/D Datasheet HTML 3Page - Maxim Integrated Products MAX361C/D Datasheet HTML 4Page - Maxim Integrated Products MAX361C/D Datasheet HTML 5Page - Maxim Integrated Products MAX361C/D Datasheet HTML 6Page - Maxim Integrated Products MAX361C/D Datasheet HTML 7Page - Maxim Integrated Products MAX361C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
_______________General Description
The MAX361/MAX362 are precision, quad, single-pole
single-throw (SPST) analog switches. The MAX361 has four
normally closed (NC) switches, and the MAX362 has four
normally open (NO) switches. Both parts offer low channel
on resistance (less than 85
Ω), guaranteed to match within
3
Ω between channels and to remain flat over the analog
signal range (
∆9Ω max). Both parts also offer low leakage
(less than 500pA at +25°C and less than 4nA at +85°C) and
fast switching (turn-on time less than 250ns and turn-off time
less than 170ns).
The MAX361/MAX362 are fabricated with Maxim’s new
improved 44V silicon-gate process. Design improve-
ments guarantee extremely low charge injection
(10pC), low power consumption (35µW), and electro-
static discharge (ESD) greater than 2000V. The 44V
maximum breakdown voltage allows rail-to-rail analog
signal handling capability.
These monolithic switches operate with a single positive
supply (+10V to +30V) or with split supplies (±4.5V to ±20V)
while retaining CMOS-logic input compatibility and fast
switching. CMOS inputs provide reduced input loading.
________________________Applications
Sample-and-Hold Circuits
Guidance and Control Systems
Heads-Up Displays
Test Equipment
Communications Systems
Battery-Operated Systems
PBX, PABX
____________________________Features
o Low On Resistance: < 45
Ω Typical (85Ω Max)
o Guaranteed Matched On Resistance Between Channels: < 2
Ω
o Guaranteed Flat On Resistance over Analog Signal
Range:
∆9Ω Max
o Guaranteed Charge Injection: < 10pC
o Guaranteed Off-Channel Leakage: <4nA at +85°C
o ESD Guaranteed > 2000V per Method 3015.7
o Single-Supply Operation (+10V to +30V)
Bipolar-Supply Operation (±4.5V to ±20V)
o TTL-/CMOS-Logic Compatible
o Rail-to-Rail Analog Signal Handling Capability
______________Ordering Information
Precision, Quad, SPST Analog Switches
_______________________________________________________________________
Maxim Integrated Products
1
Call toll free 1-800-998-8800 for free samples or literature.
19-0180; Rev 0; 9/93
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NO2
V+
V-
NO1
COM1
IN1
MAX362
N.C.
NO3
COM3
IN3
IN4
COM4
NO4
GND
DIP/SO
DIP/SO
MAX362
LOGIC
SWITCH
0
1
OFF
ON
SWITCHES SHOWN FOR LOGIC "0" INPUT
MAX361
LOGIC
SWITCH
0
1
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
MAX361
N.C.
NC3
COM3
IN3
IN4
COM4
NC4
GND
TOP VIEW
N.C. = Not Internally
Connected
_____________________Pin Configurations/Functional Diagrams/Truth Tables
* Contact factory for dice specifications.
PART
TEMP. RANGE
PIN-PACKAGE
MAX361CPE
0°C to +70°C
16 Plastic DIP
MAX361CSE
0°C to +70°C
16 Narrow SO
MAX361C/D
0°C to +70°C
Dice*
MAX361EPE
-40°C to +85°C
16 Plastic DIP
MAX361ESE
-40°C to +85°C
16 Narrow SO
MAX361EJE
-40°C to +85°C
16 CERDIP
MAX361MJE
-55°C to +125°C
16 CERDIP
MAX362CPE
0°C to +70°C
16 Plastic DIP
MAX362CSE
0°C to +70°C
16 Narrow SO
MAX362C/D
0°C to +70°C
Dice*
MAX362EPE
-40°C to +85°C
16 Plastic DIP
MAX362ESE
-40°C to +85°C
16 Narrow SO
MAX362EJE
-40°C to +85°C
16 CERDIP
MAX362MJE
-55°C to +125°C
16 CERDIP


Similar Part No. - MAX361C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX361C/D MAXIM-MAX361C/D Datasheet
185Kb / 10P
Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
More results

Similar Description - MAX361C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX391 MAXIM-MAX391_06 Datasheet
381Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 3; 8/06
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
Precision, Quad, SPST Analog Switches
Rev 2; 6/04
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com