Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3762C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3762C/D
Description  Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3762C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3762C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
__________Applications Information
Converting Average Optical Power to
Signal Amplitude
Many of the MAX3761/MAX3762’s specifications relate
to input-signal amplitude. When working with fiber optic
receivers, the input is usually expressed in terms of
average optical power and extinction ratio. The rela-
tions given in Table 1 are helpful for converting optical
power to input signal when designing with the
MAX3761/MAX3762.
In an optical receiver, the input voltage to the limiting
amplifier can be found by multiplying the relationship in
Table 1 with the photodiode responsivity (p) and tran-
simpedance amplifier gain (G).
Optical Hysteresis
Power and hysteresis are often expressed in decibels.
By definition, decibels are always 10log (power). At the
inputs to the MAX3761/MAX3762 limiting amplifier, the
power is VIN2/R. If a receiver’s optical input power (x)
increases by a factor of two, and the preamplifier is lin-
ear, then the voltage input to the MAX3761/MAX3762
also increases by a factor of two.
The optical power change is 10log(2x / x) = 10log(2) =
+3dB
At the MAX3761/MAX3762, the voltage change is:
In an optical receiver the dB change at the MAX3761/
MAX3762 will always equal 2x the optical dB change.
The MAX3761/MAX3762’s typical voltage hysteresis is
3.6dB. This provides an optical hysteresis of 1.8dB.
Input Sensitivity
The receiver’s gain sensitivity defines the smallest signal
input that results in fully limited PECL-compatible data
outputs. Smaller signals result in nonlimited outputs. The
MAX3761/MAX3762’s input sensitivity (SGAIN) is 4mVp-p:
SGAIN = 4mV
Optical gain sensitivity (in dBm) is:
In a receiver with G = 6k
Ω, re = 10, and ρ = 0.8A/W,
gain sensitivity is 510nW, or -32.9dBm.
622Mbps ATM Component Selection
As an example, a preamplifier with a 150kHz low-
frequency cutoff and a 950mVp-p maximum output has
the best performance with the following selections:
CIN = 5.6nF, so that fC = 15kHz (one decade below the
150kHz cutoff)
CAZ = 150pF, so that fOC < 1.5kHz (one decade
below fC)
CFILTER = 100pF, so that the integration frequency
equals 3MHz.
These selections should provide data-dependent jitter
less than 110ps p-p when the input consists of PRBS
data with no more than 72 consecutive bits.
10log
S
2G
x
x
GAIN
ρ
r
r
e
e
+
−
1
1
1000
10
10
2
20
2
6
2
2
2
log
log(
)
log( )
2V
/ R
V/ R
IN
IN
()
==
= + dB
Low-Power, 622Mbps Limiting Amplifiers
with Chatter-Free Power Detect for LANs
_______________________________________________________________________________________
9
Table 1. Optical-Power Relations*
TIME
P0
P1
PAVE
Figure 4. Optical-Power Relations
SYMBOL
RELATION
Average
Power
PAVE
PARAMETER
Extinction
Ratio
re
Optical Power
of a “1”
P1
Optical Power
of a “0”
P0
Signal
Amplitude
PIN
P
= P0 + P1
AVE
()/2
r =
1 / P0
e
P
PP
r
r
AVE
e
e
12
1
=
+
PP
r
AVE
e
02
1
=+
()
/
PP
P
P
r
r
IN
AVE
e
e
=−
=
−
()
+
10
2
1
1
OPTICAL
POWER
* Assuming a 50% average input data duty cycle (true for SONET/ATM data).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com