Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3762C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3762C/D
Description  Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3762C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3762C/D Datasheet HTML 1Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 2Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 3Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX3761/MAX3762 limiting amplifiers, with 4mV
sensitivity and PECL data outputs, are optimized for
operation in low-cost, 622Mbps, LAN/ATM LAN fiber
optics applications.
An integrated power detector senses the input signal’s
amplitude. A received-signal-strength indicator (RSSI)
gives an analog indication of the power level, while the
complementary loss-of-signal (LOS) outputs indicate if
the input power level exceeds the programmed
threshold level. The LOS threshold can be adjusted to
detect signal amplitudes between 3mVp-p and
100mVp-p, providing a 15dB LOS adjustment in fiber
optic receivers. The LOS outputs have 3.5dB of
hysteresis, which prevents chatter when input signal
levels are small. The MAX3761’s LOS outputs are com-
patible with TTL-logic levels. The MAX3762 has PECL
LOS outputs.
DISABLE and LOS can be used to implement a squelch
function, which turns off the data outputs when the
input signal is below the programmed threshold.
________________________Applications
622Mbps LAN/ATM LAN Receivers
155Mbps LAN/ATM LAN Receivers
____________________________Features
o Chatter-Free Power Detector with Programmable
Loss-of-Signal Outputs
o 4mV Input Sensitivity (PECL Loss-of-Signal
Interface Logic—MAX3766
o PECL Data Outputs
o Single 5V Power Supply
o 250ps Output Edge Speed
o Low 15ps Pulse-Width Distortion
o TTL Loss-of-Signal Interface Logic—MAX3761
Low-Power, 622Mbps Limiting Amplifiers
with Chatter-Free Power Detect for LANs
________________________________________________________________ Maxim Integrated Products
1
CZN
OUT+
OUT-
LOS-
LOS+
DISABLE
SUB
GND
GNDO
100pF
50
Ω
CZP
R1
100k
Ω
R2
22k
Ω
+VCC
VTH
INV
MAX3761
CAZ
150pF
50
Ω
VCC - 2V
VCC
EN
RSSI
VCCO
VIN+
10nF
100pF
BYPASS
SUPPLY
CIN
5.6nF
CIN
5.6nF
+5V
VIN-
FILTER
CFILTER
_________Typical Operating Circuits
19-1097; Rev 3; 7/04
PART
MAX3761EEP
MAX3761C/D
MAX3762EEP
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP RANGE
PIN-PACKAGE
20 QSOP
Dice*
20 QSOP
EVALUATION
KIT
AVAILABLE
Ordering Information
*Dice are designed to operate from -40°C to +85°C, but are
tested and guaranteed only at TA = +25°C.
+Denotes lead free package.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
MAX3762EEP+
-40°C to +85°C
20 QSOP
MAX3762C/D
-40°C to +85°C
Dice*
__________________Pin Configuration
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
DISABLE
LOS+
LOS-
VCC
VCC
EN
RSSI
FILTER
TOP VIEW
VCCO
OUT+
OUT-
GNDO
SUB
GND
VIN-
VIN+
12
11
9
10
VTH
INV
CZN
CZP
QSOP
MAX3761
MAX3762
MAX3762 at end of data sheet.


Similar Part No. - MAX3762C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3762E/D MAXIM-MAX3762E/D Datasheet
335Kb / 12P
Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
19-1097; Rev 4; 8/08
MAX3762EEP+ MAXIM-MAX3762EEP+ Datasheet
335Kb / 12P
Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
19-1097; Rev 4; 8/08
More results

Similar Description - MAX3762C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3675 MAXIM-MAX3675 Datasheet
190Kb / 16P
622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1258; Rev 2; 11/98
MAX3272 MAXIM-MAX3272 Datasheet
625Kb / 14P
3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
logo
Micrel Semiconductor
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88703V MICREL-SY88703V_06 Datasheet
59Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88793V MICREL-SY88793V Datasheet
61Kb / 8P
3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
logo
Maxim Integrated Produc...
MAX3746 MAXIM-MAX3746_07 Datasheet
324Kb / 13P
Low-Power, 622Mbps to 3.2Gbps Limiting Amplifier
Rev 2; 6/07
logo
Micrel Semiconductor
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
logo
Maxim Integrated Produc...
MAX3747A MAXIM-MAX3747A_12 Datasheet
317Kb / 11P
155Mbps to 3.2Gbps, Low-Power SFP Limiting Amplifiers
Rev 2; 8/12
MAX3761 MAXIM-MAX3761_V01 Datasheet
335Kb / 12P
Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
19-1097; Rev 4; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com