Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3762C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3762C/D
Description  Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3762C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3762C/D Datasheet HTML 4Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 5Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 6Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 7Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 8Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 9Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 10Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 11Page - Maxim Integrated Products MAX3762C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
For LOS assert at -35dBm, select R1 = 100k
Ω and R2 =
22k
Ω, which programs the LOS assert at input ≅ 3mV.
With this selection, LOS assert time will typically be less
than 85µs.
Fibre Channel Component Selection
In Fibre Channel applications, the desired LOS assert
time is typically 25µs maximum, and data-dependent
jitter is reduced by 8B10B coding techniques. The fol-
lowing are recommended in a Fibre Channel system
where preamp gain is 2000V/W, LOS assert is set for
-24dBm (13mV MAX3761/MAX3762 input), and the
maximum input to the MAX3761/MAX3762 is 1Vp-p:
CIN = 3.3nF (to provide LOS assert in 25µs)
CAZ = 82pF (to provide fOC = 1/10 fC for stability)
CFILTER = 100pF (for a 3MHz integration constant)
R1 = 100k
Ω, R2 = 50kΩ (to set LOS assert at -24dBm)
PECL Terminations
The standard PECL termination (50
Ω to VCC - 2V) is
recommended for best performance and output char-
acteristics. The data outputs operate at high speed,
and should always drive transmission lines with
50
Ω to 75Ω terminations. Balanced termination is rec-
ommended for all outputs.
Figure 5 shows an alternative method for terminating
the data outputs. The technique provides approximate-
ly 8mA DC bias current, with a 50
Ω AC load, for the
output termination. This technique is useful for viewing
the output on an oscilloscope or changing the PECL
reference voltage.
The MAX3762’s PECL LOS outputs are relatively slow
and do not need 50
Ω terminations (although they are
capable of driving them). To reduce power, the
MAX3762’s LOS outputs can be terminated with 500
Ω.
Figure 6 shows a typical operating circuit for the
MAX3762.
Wire Bonding
For high current density and reliable operation, the
MAX3761/MAX3762 use gold metalization. Make con-
nections to the dice with gold wire only, and use ball-
bonding
techniques
(wedge
bonding
is
not
recommended). Die-pad size is 4 mils square, with a
6 mil pitch. Die thickness is 12 mils (0.3mm).
Layout Techniques
The MAX3761/MAX3762 are high-frequency, high-
bandwidth circuits. To ensure stability, use good high-
frequency layout techniques. Filter voltage supplies,
and keep ground connections short. Use multiple vias
where possible. Use controlled-impedance transmis-
sion lines to connect the MAX3761/MAX3762 data out-
puts to other circuits.
Low-Power, 622Mbps Limiting Amplifiers
with Chatter-Free Power Detect for LANs
10
______________________________________________________________________________________
470
Ω
DRIVING 50
Ω TO GROUND
470
Ω
50
Ω
50
Ω
OUT+
OUT-
MAX3761
Figure 5. Alternative PECL Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com