Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82P33724 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # 82P33724
Description  Differential reference inputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

82P33724 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  82P33724 Datasheet HTML 1Page - Integrated Circuit Systems 82P33724 Datasheet HTML 2Page - Integrated Circuit Systems 82P33724 Datasheet HTML 3Page - Integrated Circuit Systems 82P33724 Datasheet HTML 4Page - Integrated Circuit Systems 82P33724 Datasheet HTML 5Page - Integrated Circuit Systems 82P33724 Datasheet HTML 6Page - Integrated Circuit Systems 82P33724 Datasheet HTML 7Page - Integrated Circuit Systems 82P33724 Datasheet HTML 8Page - Integrated Circuit Systems 82P33724 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
REVISION 1 09/23/14
3
PORT SYNCHRONIZER FOR IEEE 1588 AND
SYNCHRONOUS ETHERNET
82P33724 SHORT FORM DATA SHEET
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
Control and
Status
Registers
OutDiv
OutDiv
I2C Slave,
SPI, UART
JTAG
I2C Master
Reference
monitors
Reference
selection
Frac-N input
dividers
SYS PLL
DPLL2
APLL1
APLL2
OutDiv
OutDiv
OutDiv
DPLL1
OUT3p/n
OUT4p/n
OUT5p/n
OUT6p/n
OUT7
System Clock
LOS0 / XO_FREQ0
LOS1 / XO_FREQ1
LOS2 / XO_FREQ2
LOS3
ex_sync module
IN3(P/N)
IN4(P/N)
IN1(P/N)
IN2(P/N)
IN5
IN6
FRSYNC_8K_1PPS
MFRSYNC_2K_1PPS
OutDiv
OUT1
OutDiv
OUT2
OutDiv
OutDiv
OUT9
OUT10
DPLL3
OutDiv
OUT8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com