Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82P33724 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # 82P33724
Description  Differential reference inputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

82P33724 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  82P33724 Datasheet HTML 1Page - Integrated Circuit Systems 82P33724 Datasheet HTML 2Page - Integrated Circuit Systems 82P33724 Datasheet HTML 3Page - Integrated Circuit Systems 82P33724 Datasheet HTML 4Page - Integrated Circuit Systems 82P33724 Datasheet HTML 5Page - Integrated Circuit Systems 82P33724 Datasheet HTML 6Page - Integrated Circuit Systems 82P33724 Datasheet HTML 7Page - Integrated Circuit Systems 82P33724 Datasheet HTML 8Page - Integrated Circuit Systems 82P33724 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
82P33724 SHORT FORM DATA SHEET
PORT SYNCHRONIZER FOR IEEE 1588 AND
SYNCHRONOUS ETHERNET
4
REVISION 1 09/23/14
1
PIN ASSIGNMENT
Figure 2. Pin Assignment (Top View)
8XXXXXX
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
82P33724
VDDA
VDDA
VDDA
VDDA
VDDA
OSCi
VC2
TMS
TRSTB
TDI
TCK
TDO
VDDA
VDDA
VC1
XO_FREQ0/LOS0
XO_FREQ1/LOS1
XO_FREQ2/LOS2
IN6
VDDD_1_8
SDO/I2C_SDA/UART_TX
CLKE/I2C_AD1
CS/I2C_AD0
SCLK/I2C_SCL
MPU_MODE0/I2CM_SDA
MPU_MODE1/I2CM_SCL
SDI/I2C_AD2/UART_RX
RSTB
FRSYNC_8K_1PPS
MFRSYNC_2K_1PPS
VDDD_1_8
IN4_NEG
VDDD
IN5
IN4_POS
DPLL3_LOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com