Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82P33724 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 82P33724
Description  Differential reference inputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

82P33724 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  82P33724 Datasheet HTML 1Page - Integrated Circuit Systems 82P33724 Datasheet HTML 2Page - Integrated Circuit Systems 82P33724 Datasheet HTML 3Page - Integrated Circuit Systems 82P33724 Datasheet HTML 4Page - Integrated Circuit Systems 82P33724 Datasheet HTML 5Page - Integrated Circuit Systems 82P33724 Datasheet HTML 6Page - Integrated Circuit Systems 82P33724 Datasheet HTML 7Page - Integrated Circuit Systems 82P33724 Datasheet HTML 8Page - Integrated Circuit Systems 82P33724 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SHORT FORM DATA SHEET
82P33724 REVISION 1 09/23/14
1
©2014 Integrated Device Technology, Inc.
Port Synchronizer for IEEE 1588 and
Synchronous Ethernet
82P33724
HIGHLIGHTS
•
DPLL1 and DPLL2 can be used on line cards to manage the genera-
tion of synchronous port clocks and IEEE 1588 synchronization sig-
nals based on multiple system backplane references
•
DPLL3 can be used on line cards to select incoming line clocks for
use on system backplanes; it can also be used for general purpose
timing applications
•
APLL1 and APLL2 generate clocks with jitter < 1 ps RMS (12 kHz to
20 MHz) for: 1000BASE-T and 1000BASE-X ports and to generate
IEEE 1588 time stamp clocks and 1 pulse per second (PPS) signals
•
Fractional-N input dividers support a wide range of reference fre-
quencies
•
The device can be configured from an external EEPROM after reset
FEATURES
•
Differential reference inputs (IN1 to IN4) accept clock frequencies
between 2 kHz and 650 MHz
•
Single ended inputs (IN5 to IN6) accept reference clock frequencies
between 2 kHz and 162.5 MHz
•
Loss of Signal (LOS) pins (LOS0 to LOS3) can be assigned to any
clock reference input
•
Reference monitors qualify/disqualify references depending on activ-
ity, frequency and LOS pins
•
Automatic reference selection state machines select the active refer-
ence for each DPLL based on the reference monitors, priority tables,
revertive and non-revertive settings and other programmable settings
•
Fractional-N input dividers enable the DPLLs to lock to a wide range
of reference clock frequencies including: 10/100/1000 Ethernet, 10G
Ethernet, OTN, SONET/SDH, PDH, TDM, GSM and GNSS frequen-
cies
•
Any reference inputs (IN1 to IN6) can be designated as external sync
pulse inputs (1 PPS, 2 kHz, 4 kHz or 8 kHz) associated with a select-
able reference clock input
•
FRSYNC_8K_1PPS and MFRSYNC_2K_1PPS output sync pulses
that are aligned with the selected external input sync pulse input and
frequency locked to the associated reference clock input
•
DPLL1 and DPLL2 can be configured with bandwidths between 18
Hz and 567 Hz
•
DPLL1 and DPLL2 lock to input references with frequencies between
2 kHz and 650 MHz
•
DPLL3 locks to input references with frequencies between 8 kHz and
650 MHz
•
DPLL1 and DPLL2 generate clocks with PDH, TDM, GSM, CPRI/
OBSAI, 10/100/1000 Ethernet and GNSS frequencies; these clocks
are directly available on OUT1 and OUT8
•
DPLL3 generates N x 8 kHz clocks up to 100 MHz that are output on
OUT9 and OUT10
•
APLL1 and APLL2 can be connected to DPLL1 and DPLL2
•
APLL1 and APLL2 generate 10/100/1000 Ethernet, 10G Ethernet, or
SONET/SDH frequencies
•
Any of eight common TCXO/OCXO frequencies can be used for the
System Clock: 10 MHz, 12.8 MHz, 13 MHz, 19.44 MHz, 20 MHz,
24.576 MHz, 25 MHz or 30.72 MHz
•
The I2C slave, SPI or the UART interface can be used by a host pro-
cessor to access the control and status registers
•
The I2C master interface can automatically load a device configura-
tion from an external EEPROM after reset
•
Differential outputs OUT3 to OUT6 output clocks with frequencies
between 1 PPS and 650 MHz
•
Single ended outputs OUT1, OUT2, OUT7, and OUT8 output clocks
with frequencies between 1 PPS and 125 MHz
•
Single ended outputs OUT9 and OUT10 output clocks N*8 kHz multi-
ples up to 100 MHz
•
DPLL1 and DPLL2 support independent programmable delays for
each of IN1 to IN16; the delay for each input is programmable in
steps of 0.61 ns with a range of ~±78 ns
•
The input to output phase delay of DPLL1 and DPLL2 is programma-
ble in steps of 0.0745 ps with a total range of ±20
μs
•
The clock phase of each of the output dividers for OUT1 to OUT8 is
individually programmable in steps of ~200 ps with a total range of +/
-180°
•
1149.1 JTAG Boundary Scan
•
72-pin QFN green package
APPLICATIONS
•
Synchronous clock generation for 10/40G and lower rate, Ethernet,
PON OLT and SONET/SDH line card
•
Access routers, edge routers, core routers
•
Carrier Ethernet switches
•
Multiservice access platforms
•PON OLT
•
LTE eNodeB


Similar Part No. - 82P33724

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33724 IDT-82P33724 Datasheet
771Kb / 55P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
logo
Renesas Technology Corp
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
logo
Integrated Device Techn...
82P33724NLG IDT-82P33724NLG Datasheet
239Kb / 13P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33724NLG IDT-82P33724NLG Datasheet
771Kb / 55P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
More results

Similar Description - 82P33724

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDJ1108DJBG ELPIDA-EDJ1108DJBG Datasheet
448Kb / 33P
Differential clock inputs
EDJ2104BDBG ELPIDA-EDJ2104BDBG Datasheet
447Kb / 30P
Differential clock inputs
EDJ2108DEBG ELPIDA-EDJ2108DEBG Datasheet
565Kb / 33P
Differential clock inputs
EDJ2108EEBG ELPIDA-EDJ2108EEBG Datasheet
606Kb / 32P
Differential clock inputs
EDJ4204BFBG ELPIDA-EDJ4204BFBG Datasheet
526Kb / 32P
Differential clock inputs
EDJ4204EFBG ELPIDA-EDJ4204EFBG Datasheet
656Kb / 29P
Differential clock inputs
logo
Integrated Circuit Syst...
82P33714 ICST-82P33714 Datasheet
209Kb / 13P
Differential reference inputs
REVISION 1
82P33741 ICST-82P33741 Datasheet
192Kb / 12P
Differential reference inputs
REVISION 1
logo
Integrated Device Techn...
82P33814 IDT-82P33814 Datasheet
235Kb / 13P
Differential reference inputs
9DMU0131 IDT-9DMU0131 Datasheet
113Kb / 10P
HCSL differential inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com