Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4023EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4023EEE
Description  Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4023EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4023EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 16Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Triple and Quad, 2:1 Video Multiplexer-
Amplifiers with Fixed and Settable Gain
______________________________________________________________________________________
13
PIN
MAX4023
SO/QSOP
MAX4024
SO/TSSOP
MAX4025
SO/TSSOP
MAX4026
SO/TSSOP
NAME
FUNCTION
14
12
16
15, 16
VCC
Positive Power-Supply Voltage. Bypass VCC to GND with
a 0.1µF capacitor.
15
14
19
19
OUT1
Amplifier Output 1
16
—
20
—
FB1
Amplifier Feedback Input for Amplifier 1
—
8
—
11, 20
REF
Reference Pin for Internal Gain Resistor Network
——
4
4
IN4A
Amplifier Input 4A
——
10
10
IN4B
Amplifier Input 4B
——
11
—
FB4
Amplifier Feedback Input for Amplifier 4
——
12
12
OUT4
Amplifier Output 4
Pin Description (continued)
EN
OUT1
FB1
MUX1
IN1A
A/B
IN1B
VCC
VCC
VEE
VEE
EN
OUT1
TO REF
MUX1
IN1A
A/B
IN1B
OUT2
TO REF
MUX2
IN2A
TO A/B
IN2B
OUT3
REF
MUX3
IN3A
IN3B
TO EN
TO EN
TO EN
TO EN
OUT2
FB2
MUX2
IN2A
TO A/B
IN2B
OUT3
FB3
MUX3
IN3A
TO A/B
TO A/B
IN3B
MAX4023
MAX4024
Functional Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com