Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4023EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4023EEE
Description  Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4023EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4023EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Triple and Quad, 2:1 Video Multiplexer-
Amplifiers with Fixed and Settable Gain
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ..................................................12V
IN_A, IN_B, FB_ ...............................(VEE - 0.3V) to (VCC + 0.3V)
REF, EN, A/B ....................................(VEE - 0.3V) to (VCC + 0.3V)
Current Into IN_A, IN_B, FB_ ............................................±20mA
Short-Circuit Duration (OUT_ to GND or VEE) ............Continuous
Short-Circuit Duration (OUT_ to VCC)..............................(Note 1)
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 9.1mW/°C above +70°C) .........727mW
14-Pin Narrow SO (derate 8.3mW/°C above +70°C) ...667mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)...........667mW
16-Pin Narrow SO (derate 8.7mW/°C above +70°C) ...696mW
20-Pin TSSOP (derate 10.9mW/°C above +70°C) .......879mW
20-Pin Wide SO (derate 10mW/°C above +70°C)........800mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Do not short OUT_ to VCC.
DC ELECTRICAL CHARACTERISTICS—Dual Supply
(VCC = +5V, VEE = -5V, RL =
∞, EN = +5V, VCM = REF = OUT_ = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA =+25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
VS
Guaranteed by PSRR
±2.25
±5.5
V
MAX4023/MAX4024
25
36
Quiescent Supply Current
IS
OUT = 0V
MAX4025/MAX4026
34
48
mA
MAX4023/MAX4024
3.6
6
Disable Supply Current
EN = 0V
MAX4025/MAX4026
4.4
6
mA
MAX4023/MAX4025, inferred from CMRR
VEE
VCC - 2.8
Input Voltage Range
VIN
MAX4024/MAX4026, inferred from AVCL
VEE + 2.9
VCC - 2.8
V
MAX4023/MAX4025
±0.5
±15
Input Offset Voltage
VOS
MAX4024/MAX4026
±1
±18
mV
MAX4023/MAX4025
±1
Input Offset Voltage Matching
∆VOS
MAX4024/MAX4026
±1.5
mV
MAX4023/MAX4025
15
Input Offset Voltage Drift
TCVOS
MAX4024/MAX4026
23
µV°C
Input Bias Current
IB
414
µA
Input Offset Current
IOS
MAX4023/MAX4025
±0.1
±2
µA
Differential Input Resistance
RIND
MAX4023/MAX4025, -10mV < VIND < +10mV
50
k
Ω
MAX4023/MAX4025, common mode
4.5
Input Resistance
RIN
MAX4024/MAX4026, single ended
4.5
M
Ω
Open loop
18
MAX4023/MAX4025
Closed loop, AVCL = +1
0.025
Output Resistance
ROUT
MAX4024/MAX4026
0.15
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com