Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4023EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4023EEE
Description  Triple and Quad, 2:1 Video Multiplexer- Amplifiers with Fixed and Settable Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4023EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4023EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4023EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Triple and Quad, 2:1 Video Multiplexer-
Amplifiers with Fixed and Settable Gain
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS—Dual Supply (continued)
(VCC = +5V, VEE = -5V, RL =
∞, EN = +5V, VCM = REF = OUT_ = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4023/MAX4025, EN = 0V
75
Disable Output Resistance
ROUT
MAX4024/MAX4026, EN = 0V
1
k
Ω
Power-Supply Rejection Ratio
PSRR
±2.25V < VS < ±5.5V
50
64
dB
Common-Mode Rejection Ratio
CMRR
MAX4023/MAX4025, VEE < VCM < VCC - 2.8V
50
68
dB
Open-Loop Gain
AVOL
MAX4023/MAX4025, RL = 150
Ω,
-4.3V < VOUT < +4.3V
70
85
dB
Voltage Gain
AVCL
MAX4024/MAX4026, RL = 150
Ω,
VEE + 2.9V < VIN < VCC - 2.8V
5.5
6.0
6.5
dB
Gain Matching
∆AVCL
MAX4024/MAX4026
1
%
VCC - 0.7
VCC - 0.5
RL = 150
Ω
VEE + 0.5 VEE + 0.7
VCC - 1.2 VCC - 0.8
MAX4023/MAX4025
RL = 75
Ω
VEE + 0.8 VEE + 1.2
VCC - 0.7
VCC - 0.5
RL = 150
Ω
VEE + 0.3 VEE + 0.7
VCC - 1.2 VCC - 0.8
Output Voltage Swing
VOUT
MAX4024/MAX4026
RL = 75
Ω
VEE + 0.5 VEE + 1.2
V
LOGIC INPUT CHARACTERISTICS
Logic-Low Threshold
VIL
EN, A/B
VCC - 3.85
V
Logic-High Threshold
VIH
EN, A/B
VCC - 3.3
V
Logic-Low Input Current
IIL
EN, A/B; EN or A/B = 0V
5
10
µA
Logic-High Input Current
IIH
EN, A/B; EN or A/B = VCC
28
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com