Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4100ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4100ESA
Description  500MHz, Low-Power Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4100ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4100ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Setting Gain
The MAX4100/MAX4101 are voltage-feedback op amps
that can be configured as an inverting or noninverting
gain block, as shown in Figures 1a and 1b. The gain is
determined by the ratio of two resistors and does not
affect amplifier frequency compensation.
In the unity-gain configuration (as shown in Figure 1c),
maximum bandwidth and stability is achieved with the
MAX4100 when a small feedback resistor is included.
This resistor suppresses the negative effects of para-
sitic inductance and capacitance. A value of 24
Ω pro-
vides the best combination of wide bandwidth, low
peaking, and fast settling time. In addition, this resistor
reduces the errors from input bias currents.
Choosing Resistor Values
The values of feedback and input resistors used in the
inverting or noninverting gain configurations are not
critical (as is the case with current feedback ampli-
fiers). However, take care when selecting because the
ohmic values need to be kept small and noninductive
for practical reasons.
The input capacitance of the MAX4100/MAX4101 is
approximately 2pF. In either the inverting or noninvert-
ing configuration, the bandwidth limit caused by the
package capacitance and resistor time constant is
f3dB = 1 / (2Π RC), where R is the parallel combination
of the input and feedback resistors (RF and RG in
Figure 2) and C is the package and board capacitance
at the inverting input. Table 1 shows the bandwidth limit
for several values of RF and RG, assuming 4pF total
capacitance (2pF for the MAX4100/MAX4101 and 2pF
of PC board parasitics).
* Assuming an infinite bandwidth amplifier.
Resistor Types
Surface-mount resistors are the best choice for high-
frequency circuits. They are of similar material to the
metal film resistors, but are deposited using a thick-film
process in a flat, linear manner so that inductance is
minimized. Their small size and lack of leads also mini-
mize parasitic inductance and capacitance, thereby
yielding more predictable performance.
DC and Noise Errors
There are several major error sources to be considered
in any operational amplifier. These apply equally to the
MAX4100/MAX4101. Offset-error terms are given by the
equation below. Voltage and current noise errors are
root-square summed, so are computed separately.
Using the circuit in Figure 3, the total output offset volt-
age is determined by:
a) The input offset voltage (VOS) times the closed-loop
gain (1 + RF / RG)
b) The positive input bias current (IB+) times the
source resistor (RS) minus the negative input bias
current (IB-) times the parallel combination of RG
and RF. IOS (offset current) is the difference
between the two bias currents. If RG
|| RF = RS, this
part of the expression becomes IOS x RS.
The equation for total DC error is:
VI
R
V
R
R
OUT
OS S
OS
F
G
=+
() +


1
500MHz, Low-Power Op Amps
_______________________________________________________________________________________
9
MAX4100
MAX4101
VIN
VOUT
RF
RG
C
MAX4100
MAX4101
Figure 2. Effect of Feedback Resistor Values and Parasitic
Capacitance on Bandwidth
GAIN
(V/V)
RG
(
Ω)
RF
(
Ω)
BANDWIDTH
LIMIT*
(MHz)
+1
∞
24
1659
+2
200
200
398
+5
50
200
995
+10
30
270
1474
-1
200
200
398
-2
75
150
796
-5
50
250
955
-10
50
500
875
Table 1. Resistor and Bandwidth Values
for Various Gain Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com