Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4100ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4100ESA
Description  500MHz, Low-Power Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4100ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4100ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
500MHz, Low-Power Op Amps
_______________________________________________________________________________________
7
-30
-10
-90
0.1
1
100
MAX4101
HARMONIC DISTORTION vs. FREQUENCY
-70
-50
-20
0
-80
-60
-40
FREQUENCY (MHz)
10
GAIN = +10
VO = 2Vp-p
RL = 100Ω
2nd HARMONIC
3rd HARMONIC
40
0
0.1
1
10
100
TWO-TONE THIRD-ORDER
INTERCEPT vs. FREQUENCY
10
5
20
25
20
15
35
FREQUENCY (MHz)
-0.00
-0.02
-0.04
0.02
-0.01
0
100
0
100
MAX4100
DIFFERENTIAL GAIN AND PHASE
0.01
0.00
-0.06
-0.08
IRE
0.05
0.04
0.03
0.02
-0.00
-0.02
-0.04
0.02
-0.02
0
100
0
100
MAX4101
DIFFERENTIAL GAIN AND PHASE
0.00
-0.06
-0.10
-0.08
IRE
0.06
0.04
0.02
____________________________Typical Operating Characteristics (continued)
(VCC = 5V, VEE = -5V, TA = +25°C, unless otherwise noted.)
______________________________________________________________Pin Description
PIN
NAME
FUNCTION
1, 5, 8
N.C.
No Connection, not internally connected
2
IN-
Inverting Input
3
IN+
Noninverting Input
4
VEE
Negative Power Supply, connected to -5V
6
OUT
Amplifier Output
7
VCC
Positive Power Supply, connected to +5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com