Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4100ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4100ESA
Description  500MHz, Low-Power Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4100ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4100ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4100ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX4100/MAX4101 op amps combine ultra-high-
speed performance with low-power operation. The
MAX4100 is compensated for unity-gain stability, while
the MAX4101 is compensated for stability in applica-
tions with a closed-loop gain (AVCL) of 2V/V or greater.
The MAX4100/MAX4101 require only 5mA of supply
current while delivering a 500MHz unity-gain bandwidth
(MAX4100) or a 200MHz -3dB bandwidth (MAX4101)
with a 250V/µs slew rate.
These high-speed op amps have a wide output voltage
swing of ±3.5V and a high current-drive capability of
80mA.
________________________Applications
Video Cable Driver
Ultrasound
Gamma Cameras
Portable Instruments
Active Filters
ADC Buffers
____________________________Features
o 500MHz Unity-Gain Bandwidth (MAX4100)
200MHz -3dB Bandwidth (AVCL = 2V/V, MAX4101)
o 65MHz 0.1dB Gain Flatness (MAX4100)
o 250V/µs Slew Rate
o 0.06%/0.04° Differential Gain/Phase
o High Output Drive: 80mA
o Low Power: 5mA Supply Current
o Fast Settling Time:
18ns to 0.1%
35ns to 0.01%
500MHz, Low-Power Op Amps
________________________________________________________________
Maxim Integrated Products
1
OUT
IN+
N.C.
VEE
1
2
8
7
N.C.
VCC
IN-
N.C.
MAX4100
MAX4101
SO/
µMAX*
TOP VIEW
3
4
6
5
__________________Pin Configuration
VIDEO/RF DISTRIBUTION AMPLIFIER
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
390
Ω
INPUT
1000pF
0.1
µF
0.1
µF
-5V
+5V
1000pF
390
Ω
MAX4100
MAX4101
________Typical Application Circuit
19-0436; Rev 1; 3/96
PART
MAX4100ESA
MAX4100EUA
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 SO
8 µMAX*
______________Ordering Information
* Contact factory for availability of µMAX package.
MAX4101ESA
-40°C to +85°C
8 SO
EVALUATION
KIT
AVAILABLE
* Contact factory for availability of MAX4100 µMAX package.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800


Similar Part No. - MAX4100ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX410 MAXIM-MAX410 Datasheet
325Kb / 16P
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX4102 MAXIM-MAX4102 Datasheet
144Kb / 12P
250MHz, Broadcast-Quality, Low-Power Video Op Amps
19-0471; Rev 0; 2/96
MAX4102ESA MAXIM-MAX4102ESA Datasheet
144Kb / 12P
250MHz, Broadcast-Quality, Low-Power Video Op Amps
19-0471; Rev 0; 2/96
MAX4103ESA MAXIM-MAX4103ESA Datasheet
144Kb / 12P
250MHz, Broadcast-Quality, Low-Power Video Op Amps
19-0471; Rev 0; 2/96
More results

Similar Description - MAX4100ESA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412 Datasheet
343Kb / 15P
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
19-1831; Rev 0; 11/00
logo
Analog Devices
AD8538 AD-AD8538_07 Datasheet
982Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
REV. A
logo
Maxim Integrated Produc...
MAX4412 MAXIM-MAX4412_09 Datasheet
363Kb / 16P
Low-Cost, Low-Power, Ultra-Small, 3V/5V, 500MHz Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 1; 1/09
MAX9943 MAXIM-MAX9943 Datasheet
275Kb / 15P
High-Voltage, Precision, Low-Power Op Amps
Rev 2; 6/09
logo
Analog Devices
AD8538 AD-AD8538_15 Datasheet
797Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
Rev. B
AD8539 AD-AD8539_15 Datasheet
797Kb / 24P
Low Power, Precision, Auto-Zero Op Amps
Rev. B
logo
3PEAK INC.
LM321 3PEAK-LM321 Datasheet
747Kb / 16P
1.2MHz, Low-Power 36V Op Amps
Rev. B.01
LM2904 3PEAK-LM2904 Datasheet
1Mb / 17P
1.2MHz, Low-Power 36V Op Amps
logo
New Japan Radio
NJM8020 NJRC-NJM8020 Datasheet
828Kb / 19P
LOW POWER SINGLE CHANNEL OP-AMPS
Ver.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com