Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX448ACPD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX448ACPD
Description  Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX448ACPD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX448ACPD Datasheet HTML 1Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 2Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 3Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 4Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX408/428/448 are high speed general purpose
monolithic operational amplifiers in a single, dual or
quad package, that are useful for signal frequencies
extending into the video range. These Op Amps func-
tion in gain configurations greater-than or equal-to 3.
High output current allows large capacitive loads to be
driven at high speeds.
Open-loop voltage gain of 10k V/V and high slew rate of
90V/µs make the MAX408/428/448 ideal for analog
amplification and high speed signal processing. 100MHz
gain bandwidth and a ±0.1% settling time of l50ns make
each amplifier ideal for fast data conversion systems.
The amplifiers are capable of driving back terminated
transmission lines of 75
Ω with amplitudes of 5V peak-
to-peak.
Along with the high speed and output drive capability,
a 35nA offset current and trimmable offset voltage
make the MAX408/428/448 optimal for signal condition-
ing applications where accuracy must be maintained.
Applications
Video Amplifiers
Test Equipment
Waveform Generators
Video Distribution
Pulse Amplifiers
Features
o Fast Settling Time: ±0.1% In 150ns
o High Slew Rate: 90V/µs
o Large Gain Bandwidth: 100MHz
o Full Power Bandwidth: 4.8MHz at 6V p-p
o Ease of Use: Internally Compensated for
ACL
≥ 3 with 50°–60° Phase Margin
o Low Supply Voltage Operation: ±4V
o Wide Input Voltage Range: Within 1.5V of V+ and
0.5V of V-
o Minimal Crosstalk: >90dB Separation
(MAX428/448)
o Short Circuit Protection
Single/Dual/Quad High-Speed, Fast-Settling,
High Output Current Operational Amplifier
________________________________________________________________
Maxim Integrated Products
1
OUT
BALANCE
V-
1
2
8
7
N.C.
V+
-IN
+IN
+
-
BALANCE
DIP/SO
TOP VIEW
3
4
6
5
MAX408
-INB
+INB
V-
1
2
8
7
V+
OUT2
-INA
+INA
-
-
OUT 1
DIP/SO
3
4
6
5
MAX428
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
-IND
+IND
V-
V+
+INA
-INA
OUTA
MAX448
+INC
-INC
OUTC
OUTB
-INB
+INB
DIP/SO
A
B
-
A
-
C
-
B
-
D
19-2394; Rev 1; 7/97
PART
MAX408ACPA
MAX408ACSA
MAX408CPA
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Lead Plastic DIP
8 Lead Small Outline
8 Lead Plastic DIP
Ordering Information continued at end of data sheet.
Pin Configurations
Ordering Information
MAX408CSA
0°C to +70°C
8 Lead Small Outline
MAX408C/D
0°C to +70°C
Dice


Similar Part No. - MAX448ACPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480AUK+T MAXIM-MAX4480AUK+T Datasheet
2Mb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4480AUK-T MAXIM-MAX4480AUK-T Datasheet
471Kb / 13P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480AXK+T MAXIM-MAX4480AXK+T Datasheet
2Mb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4480AXK-T MAXIM-MAX4480AXK-T Datasheet
471Kb / 13P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
More results

Similar Description - MAX448ACPD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
High Speed, High Output Current, Dual Operational Amplifier
logo
Analog Devices
OP-42 AD-OP-42 Datasheet
596Kb / 14P
HIGH SPEED, FAST SETTLING PRECISION OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
High Output Current High Speed Dual Operational Amplifier
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LH4105 NSC-LH4105 Datasheet
214Kb / 6P
PRECISION FAST SETTLING HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
OP42AJ AD-OP42AJ Datasheet
601Kb / 14P
High Speed Fast Settling Precision Operational Amplifier
OP42GSZ AD-OP42GSZ Datasheet
601Kb / 14P
High Speed Fast Settling Precision Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
High Speed, High Output Current, Dual Operational Amplifier
logo
Analog Devices
OP42 AD-OP42_15 Datasheet
604Kb / 14P
High Speed Fast Settling Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com