Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX448ACPD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX448ACPD
Description  Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX448ACPD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX448ACPD Datasheet HTML 4Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 10Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 11Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Single/Dual/Quad High-Speed, Fast-Settling,
High Output Current Operational Amplifier
10
______________________________________________________________________________________
RL = 2kΩ
CL = 50pF
RL = 50Ω
CL = 5pF
SMALL SIGNAL STEP RESPONSE
eIN
eO
eIN
eO
CIN
≈5pF
1k
Ω
2k
Ω
RL
CL
CFB = 2.5pF
eO
eIN
20
15
-10
1MHz
10MHz
100MHz
1GHz
CLOSED LOOP FREQUENCY RESPONSE
0
-5
315
270
225
180
135
90
45
0
10
5
FREQUENCY
RL = 50Ω
CL = 5pF
AV,
RL = 2kΩ
CL = 50pF
AV,
R1 = 1kΩ
R2 = 2kΩ
Figure 4. Response Characteristics with Input Pole Cancellation, AV = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com