Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX448ACPD Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX448ACPD
Description  Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX448ACPD Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX448ACPD Datasheet HTML 2Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 3Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 4Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX448ACPD Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Single/Dual/Quad High-Speed, Fast-Settling,
High Output Current Operational Amplifier
6
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
20
40
60
80
100
120
0
10
2030
4050
60
70
SHORT CURCUIT OUTPUT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-ISC
+ISC
100
10k
100k
1k
1M
EQUIVALENT INPUT NOISE
vs. BANDWIDTH
BANDWIDTH (Hz)
(LOWER - 3dB FREQUENCY = 10Hz)
100
0.1
1
10
RSOURCE = 10kΩ
THERMAL NOISE OF
10k
Ω RESISTOR
RSOURCE = 0
-40
-20
0
1kHz
1MHz
10MHz
100MHz
10kHz
100kHz
1GHz
OPEN LOOP FREQUENCY RESPONSE
20
40
60
80
360
300
240
180
120
60
0
MAX408toc11
FREQUENCY
Av
RL = 2kΩ
CL = 5pF
10dB
GAIN MARGIN = GM
10dB
PHASE
MARGIN =
φM
φ
-20
-15
-10
-5
0
5
10
15
20
25
30
35
360
300
240
180
120
60
0
1M
1G
100M
10M
OPEN LOOP FREQUENCY RESPONSE,
RL = 2kΩ, CL = 50pF
MAX408-13
FREQUENCY (Hz)
Av
φ
-20
-15
-10
-5
0
5
10
15
20
25
30
35
360
300
240
180
120
60
0
1M
1G
100M
10M
OPEN LOOP FREQUENCY RESPONSE,
RL = 50Ω, CL = 50pF
MAX408-12
FREQUENCY (Hz)
Av
φ
50
45
30
55
25
40
35
060
40
20
80
10dB PHASE MARGIN AND
10dB FREQUENCY vs. TEMP
MAX408toc14
TEMPERATURE (°C)
φM
10dB FREQUENCY
RL = 2kΩ
CL = 50pF
540
4
60
650
80
70
060
40
20
80
GAIN MARGIN AND 180 DEGREE
FREQUENCY vs. TEMP (AV = 10dB)
MAX408toc15
TEMPERATURE (°C)
GM
180 FREQUENCY
RL = 2kΩ
CL = 50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com