Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232BL_BQ Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT232BL_BQ
Description  The FT232B is a USB to serial UART interface with the following advanced features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL_BQ Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT232BL_BQ Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Copyright © 2011 Future Technology Devices International Limited
13
Document No.: FT_000329
FT232BL
/BQ USB UART IC Datasheet Version 2.2
Clearance No.: FTDI#
171
EEPROM interface. Though the FT232B will work without the optional EEPROM, an external 93C46
(93C56 or 93C66) EEPROM can be used to customise the USB VID, PID, Serial Number, Product
Description Strings and Power Descriptor value of the FT232B for OEM applications. Other parameters
controlled by the EEPROM include Remote Wake Up, Soft Pull Down on Power-Off and USB 2.0 descriptor
modes. The EEPROM should be a 16 bit wide configuration such as a MicroChip 93LC46B or equivalent
capable of a 1Mb/s clock rate at VCC = 4.35V to 5.25V. The EEPROM is programmable-on board over
USB using a utility available from FTDI’s web site (http://www.ftdichip.com). This allows a blank part to be
soldered onto the PCB and programmed as part of the manufacturing and test process. If no EEPROM is
connected (or the EEPROM is blank), the FT232B will use its built-in default VID, PID Product Description
and Power Descriptor Value. In this case, the device will not have a serial number as part of the USB
descriptor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com