Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232BL_BQ Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT232BL_BQ
Description  The FT232B is a USB to serial UART interface with the following advanced features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL_BQ Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT232BL_BQ Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Copyright © 2011 Future Technology Devices International Limited
21
Document No.: FT_000329
FT232BL
/BQ USB UART IC Datasheet Version 2.2
Clearance No.: FTDI#
171
6.4 Bus Powered Circuit (<=100mA) with Power Control
Figure 6.5 Bus Powered with Power Switching Configuration
USB Bus powered circuits need to be able to power down in USB suspend mode in order to meet the <=
500uA total suspend current requirement (including external logic). This limit is 2.5mA for devices that
support remote wake-up. Some external logic can power itself down into a low current state by
monitoring the PWREN# pin. For external logic that cannot power itself down in that way, the FT232B
provides a simple but effective way of turning off power to external circuitry during USB suspend.
Figure 8.3 shows how to use a discrete P-Channel Logic Level MOSFET to control the power to external
logic circuits. A suitable device could be a Fairchild NDT456P, or International Rectifier IRLML6402, or
equivalent. It is recommended that a “soft start” circuit consisting of a 1K series resistor and a 0.1 uF
capacitor are used to limit the current surge when the MOSFET turns on. Without the soft start circuit
there is a danger that the transient power surge of the MOSFET turning on will reset the FT232B, or the
USB host / hub controller. The values used here allow attached circuitry to power up with a slew rate of
~12.5 V per millisecond, in other words the output voltage will transition from GND to 5V in
approximately 400 microseconds.
Alternatively, a dedicated power switch i.c. with inbuilt “soft-start” can be used instead of a MOSFET. A
suitable power switch I.C. for such an application would be a Micrel (www.micrel.com) MIC2025-2BM or
equivalent.
Please note the following points in connection with power controlled designs –
a) The logic to be controlled must have its own reset circuitry so that it will automatically reset itself
when power is re-applied on coming out of suspend.
b) Set the Pull-down on Suspend option in the FT232B’s EEPROM.
c) For USB high-power bus powered device (one that consumes greater than 100 mA, and up to 500
mA of current from the USB bus), the power consumption of the device should be set in the max
power field in the EEPROM. A high-power bus powered device must use this descriptor in the
EEPROM to inform the system of its power requirements.
d) For 3.3V power controlled circuits VCCIO must not be powered down with the external circuitry
(PWREN# gets its VCC supply from VCCIO). Either connect the power switch between the output
of the 3.3V regulator and the external 3.3V logic OR if appropriate power VCCIO from the
3V3OUT pin of the FT232B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com