Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232BL_BQ Datasheet(PDF) 27 Page - Future Technology Devices International Ltd.

Part # FT232BL_BQ
Description  The FT232B is a USB to serial UART interface with the following advanced features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL_BQ Datasheet(HTML) 27 Page - Future Technology Devices International Ltd.

Back Button FT232BL_BQ Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 28Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 29Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 30Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 31Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Copyright © 2011 Future Technology Devices International Limited
27
Document No.: FT_000329
FT232BL
/BQ USB UART IC Datasheet Version 2.2
Clearance No.: FTDI#
171
9 LED Interface Configuration
Figure 9.1 Dual LED Configuration
Figure 9.2 Single LED
Configuration
The FT232B has two IO pins dedicated to controlling LED status indicators, one for transmitted data the
other for received data. When data is being transmitted / received the respective pins drive from tri-state
to low in order to provide indication on the LEDs of data transfer. A digital one-shot timer is used so that
even a small percentage of data transfer is visible to the end user.
Figure 9.1 shows a configuration using two individual LED’s – one for transmitted data the other for
received data.
In figure 9.2, transmit and receive LED indicators are wire-OR’ed together to give a single LED indicator
which indicates any transmit or receive data activity.
Another possibility (not shown here) is to use a 3 pin common anode tri-color LED based on the circuit in
Figure 9.2 to have a single LED that can display activity in a variety of colors depending on the ratio of
transmit activity compared to receive activity.
Note that the LED’s are connected to VCCIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com