Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4508C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4508C/D
Description  Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4508C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Fault-Protected, High-Voltage
Single 8-to-1/Dual 4-to-1 Multiplexers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V+ = +15V, V- = -15V, VEN = +2.4V, TA = +25°C, unless otherwise noted.)
Note 2: Guaranteed by Design.
Guaranteed by Design
-300
-200
-100
0
100
200
300
-55
-5
-30
20
45
70
95
120 145
POWER-SUPPLY CURRENT
vs. TEMPERATURE (VA = 0)
TEMPERATURE (°C)
V+ = +15V
V- = -15V
VA = 0
I-
IGND
I+
-600
0
-200
-400
200
400
600
-60
20
0
-40 -20
40 60 80 100 120 140
POWER-SUPPLY CURRENT
vs. TEMPERATURE (VA = +5V)
TEMPERATURE (°C)
V+ = +15V
V- = -15V
VA = +5V
I-
IGND
I+
0
0.5
1.0
1.5
2.0
2.5
3.0
010
5
152025303540
LOGIC-LEVEL THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
V- = GND
DUAL
SUPPLIES
SINGLE
SUPPLY
FREQUENCY RESPONSE
FREQUENCY (MHz)
20
-100
-80
-60
-40
-20
0
0.001
1
10
100
0.01
0.1
1000
V+ = +15V
V- = -15V
BANDWIDTH
CROSSTALK
OFF-ISOLATION
5
µs/div
FAULT-FREE SIGNAL PERFORMANCE
IN_
10V/div
10V/div
0V
0V
COM_
FAULT-FREE RAIL-TO-RAIL SIGNAL HANDLING
WITH ±15V SUPPLIES
+15V
+15V
-15V
-15V
5
µs/div
INPUT OVERVOLTAGE vs. OUTPUT CLAMPING
IN_
0V
COM_
±25V OVERVOLTAGE INPUT WITH THE OUTPUT
CLAMPED AT ±15V
-15V
-25V
+25V
+15V
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com