Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4508C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4508C/D
Description  Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4508C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Fault-Protected, High-Voltage
Single 8-to-1/Dual 4-to-1 Multiplexers
6
_______________________________________________________________________________________
COM_ On-Capacitance
CCOM_(ON)
VCOM_ = VNO_ = 0, f = 1MHz,
Figure 8
+25°C
28
COM_ Off-Capacitance
CCOM_(OFF)
pF
VCOM_ = 0, f = 1MHz, Figure 8
+25°C
19
NO_ Off-Capacitance
CNO_(OFF)
pF
VNO_ = 0, f = 1MHz, Figure 8
+25°C
10
+25°C
C, E, M
+25°C
All VA_ = 0 or 5V,
VNO_ = 0, VEN = 5V
All VA_ = 0 or 5V,
VNO_ = 0, VEN = +5V
RL = 75Ω, CL = 15pF,
VNO_ = 1VRMS, f = 1MHz, Figure 7
Channel-to-Channel Crosstalk
(Note 8)
VCT
-62
dB
936
V+ Supply Current
I+
200
300
µA
IGND
600
+25°C
V- and GND Supply Current
150
250
µA
C, E, M
+25°C
250
400
C, E, M
V
C, E, M
V+
Power-Supply Range
450
375
+25°C
C, E, M
VCOM_ = 10V, RL = 2kΩ,
Figure 3
tON
220
500
700
TA
CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Off-Isolation
(Note 7)
VISO
dB
Break-Before-Make Time Delay
(Note 4)
RL = 75Ω, CL = 15pF,
VNO_ = 1VRMS, f = 1MHz, Figure 6
tBBM
+25°C
-70
ns
VCOM_ = 10V, RL = 2kΩ,
Figure 4
Charge Injection
(Note 4)
+25°C
50
100
C, E, M
Q
350
Enable Turn-Off Time
tOFF
ns
VCOM_ = 10V, RL = 2kΩ,
Figure 3
+25°C
100
250
Enable Turn-On Time
ns
pC
CL = 1.0nF, VNO_ = 0, RS = 0,
Figure 5
+25°C
210
pF
All VA_ = 0 or 5V
ELECTRICAL CHARACTERISTICS—Single +12V Supply (continued)
(V+ = +12V, V- = 0, VA_H = +2.4V, VA_L = +0.8V, VEN = +2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY
Note 2:
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3:
NO_ pins are fault protected and COM_ pins are not fault protected. The max input voltage on NO_ pins depends on the
COM_ load configuration. Generally the max input voltage is ±36V with ±15V supplies and a load referred to ground. For
more detailed information refer to
NO_ Input Voltage section.
Note 4:
Guaranteed by design.
Note 5:
∆RON = RON(MAX) - RON(MIN).
Note 6:
Leakage parameters are 100% tested at the maximum rated hot temperature and guaranteed by correlation at TA = +25°C.
Note 7:
Off-isolation = 20log10 (VCOM_ / VNO_ ), where VCOM_ = output and VNO_ = input to off switch.
Note 8:
Between any two analog inputs.
Note 9:
Leakage testing for single-supply operation is guaranteed by testing with dual supplies.
Note 10: Guaranteed by testing with dual supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com