Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4508C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4508C/D
Description  Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4508C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4508C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
When the NO_ voltage goes beyond supply rails (fault
condition), the NO_ input becomes high impedance
regardless of the switch state or load resistance. When
power is removed, and the fault protection is still in
effect, the NO_ terminals are a virtual open circuit. The
fault can be up to ±40V, with V+ = V- = 0. If the switch
is on, the COM_ output current is furnished from the V+
or V- pin by “booster” FETs connected to each supply
pin. These FETs can source or sink up to 10mA.
The COM_ pins are not fault protected. If a voltage
source is connected to any COM_ pin, it should be lim-
ited to the supply voltages. Exceeding the supply volt-
age will cause high currents to flow through the ESD
protection diodes, damaging the device (see
Absolute
Maximum Ratings).
Figure 1 shows the internal construction, with the ana-
log signal paths shown in bold. A single normally open
(NO) switch is shown. The analog switch is formed by
the parallel combination of N-channel FET N1 and P-
channel FET P1 which are driven on and off simultane-
ously, according to the input fault condition and the
logic level state.
NO_ Input Voltage
The maximum allowable input voltage for safe opera-
tion depends on whether supplies are on or off and the
load configuration at the COM output. If COM is re-
ferred to a voltage other than ground, but within the
supplies, VNO_ may range higher or lower than the sup-
plies provided the absolute value of VNO_ - VCOM_ is
less than 40V. For example, if the load is referred to
+10V at COM_, then the NO_ voltage range can be
from +50V to -30V. As another example, if the load is
connected to -10V at COM_, the NO_ voltage range is
limited to -50V to +30V.
If the supplies are ±15V and COM is referenced to
ground through a load, the maximum NO_ voltage is
±25V. If the supplies are off and the COM output is ref-
erenced to ground, the maximum NO_ voltage is ±40V.
Fault-Protected, High-Voltage
Single 8-to-1/Dual 4-to-1 Multiplexers
10
______________________________________________________________________________________
NORMALLY OPEN SWITCH CONSTRUCTION
COM_
P2
MAX4508
MAX4509
P1
N1
ON
LOW
FAULT
HIGH
FAULT
V+
NO_
A-
GWD
ESO CODE
V-
N2
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com