Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS570 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS570
Description  8-pin SOIC package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS570 Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS570 Datasheet HTML 1Page - Integrated Device Technology ICS570 Datasheet HTML 2Page - Integrated Device Technology ICS570 Datasheet HTML 3Page - Integrated Device Technology ICS570 Datasheet HTML 4Page - Integrated Device Technology ICS570 Datasheet HTML 5Page - Integrated Device Technology ICS570 Datasheet HTML 6Page - Integrated Device Technology ICS570 Datasheet HTML 7Page - Integrated Device Technology ICS570 Datasheet HTML 8Page - Integrated Device Technology ICS570 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATASHEET
MULTIPLIER AND ZERO DELAY BUFFER
ICS570
IDT™ / ICS™ MULTIPLIER AND ZERO DELAY BUFFER
1
ICS570
REV K 073007
Description
The ICS570 is a high-performance Zero Delay Buffer (ZDB)
which integrates IDT’s proprietary analog/digital Phase
Locked Loop (PLL) techniques. The A version is
recommended for 5 V designs and the B version for
3.3 V designs. The chip is part of IDT’s ClockBlocksTM
family, and was designed as a performance upgrade to
meet today’s higher speed and lower voltage requirements.
The zero delay feature means that the rising edge of the
input clock aligns with the rising edges of both output
clocks, giving the appearance of no delay through the
device. There are two outputs on the chip, one being a
low-skew divide by two of the other output. The device
incorporates an all-chip power down/tri-state mode that
stops the internal PLL and puts both outputs into a high
impedance state.
The ICS570 is ideal for synchronizing outputs in a large
variety of systems, from personal computers to data
communications to graphics/video. By allowing off-chip
feedback paths, the device can eliminate the delay through
other devices.
The ICS570 A and B versions were designed to improve
input to output jitter from the original ICS570M version, and
are recommended for all new designs.
Features
• 8-pin SOIC package
• Available in Pb (lead) free package
• Pin-for-pin replacement and upgrade to ICS570M
• Functional equivalent to AV9170 (not a pin-for-pin
replacement)
• Low input to output skew of 300 ps max (>60 MHz
outputs)
• Ability to choose between 14 different multipliers from
0.5x to 32x
• Output clock frequency up to 170 MHz at 3.3 V
• Can recover degraded input clock duty cycle
• Output clock duty cycle of 45/55
• Power Down and Tri-State Mode
• Passes spread spectrum clock modulation
• Full CMOS clock swings with 25 mA drive capability at
TTL levels
• Advanced, low power CMOS process
• ICS570B has an operating voltage of 3.3 V (±5%)
• ICS570A has an operating voltage of 5.0 V (±5%)
• Industrial temperature version available
Block Diagram
Ph as e
Detec tor,
C harge
Pum p,
and Loop
F ilter
divide
by N
CL K
E xte rn al fe ed ba ck ca n c o m e from C L K or C L K /2 (s ee ta b le on pa ge 2 )
IC L K
FBIN
S1 :0
VC O
CL K 2
/2


Similar Part No. - ICS570

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS570 ICST-ICS570 Datasheet
199Kb / 9P
Multiplier and Zero Delay Buffer
Revision 030905
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570A ICST-ICS570A Datasheet
199Kb / 9P
Multiplier and Zero Delay Buffer
Revision 030905
ICS570AI ICST-ICS570AI Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
More results

Similar Description - ICS570

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
8 PIN SOIC PACKAGE OUTLINE
logo
Clare, Inc.
CPC2014N CLARE-CPC2014N Datasheet
117Kb / 5P
8-Pin SOIC Dual OptoMOS짰 Relay
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
8-Pin Dual SOIC OptoMOS짰 Relay
logo
Central Semiconductor C...
CWDM305P CENTRAL-CWDM305P Datasheet
1Mb / 2P
30V, MOSFETs in the SOIC-8 package
logo
Integrated Device Techn...
ICS180-01 IDT-ICS180-01 Datasheet
154Kb / 9P
Packaged in 8-pin SOIC
ICS180-51 IDT-ICS180-51 Datasheet
146Kb / 7P
Packaged in 8-pin SOIC
ICS181-52 IDT-ICS181-52 Datasheet
147Kb / 7P
Packaged in 8-pin SOIC
ICS571 IDT-ICS571 Datasheet
185Kb / 7P
Packaged in 8-pin SOIC
logo
RFHIC
AE607 RFHIC-AE607 Datasheet
1Mb / 5P
SOIC-8 SMD Type package
logo
HALO Electronics, Inc.
TG04-1006N1LF HALO-TG04-1006N1LF Datasheet
366Kb / 2P
16 Pin SOIC Package 10BASE-T Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com