Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4583C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4583C/D
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4583C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4583C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Overvoltage Protection
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence VCC on first, then VEE, followed by
the logic inputs and analog signals. If power-supply
sequencing is not possible, add two small signal diodes
(D1, D2) in series with the supply pins for overvoltage
protection (Figure 1).
Adding diodes reduces the analog-signal range to one
diode drop below VCC and one diode drop above VEE,
but does not affect the devices’ low switch resistance
and low leakage characteristics. Device operation is
unchanged, and the difference between VCC and VEE
should not exceed 13V. These protection diodes are
not recommended when using a single supply if signal
levels must extend to ground.
High-Frequency Performance
In 50
Ω systems, signal response is reasonably flat up
to 50MHz (see
Typical Operating Characteristics).
Above 20MHz, the on response has several minor
peaks which are highly layout dependent. The problem
is not turning the switch on, but turning it off. The off-
state switch acts like a capacitor and passes higher
frequencies with less attenuation. At 10MHz, off isola-
tion is about -50dB in 50
Ω systems, becoming worse
(approximately 20dB per decade) as frequency in-
creases. Higher circuit impedances also degrade off
isolation. Adjacent channel attenuation is about 3dB
above that of a bare IC socket and is entirely due to
capacitive coupling.
Pin Nomenclature
The MAX4581/MAX4582/MAX4583 are pin-compatible
with the industry-standard 74HC4051/74HC4052/
74HC4053 and the MAX4051/MAX4052/MAX4053.
They function identically and have identical logic dia-
grams, although these parts differ electrically.
The pin designations and logic diagrams in this data
sheet conform to the original 1972 specifications pub-
lished by RCA for the CD4051/CD4052/CD4053. These
designations differ from the standard Maxim switch and
mux designations as found all other Maxim data sheets
(including the MAX4051/MAX4052/MAX4053) and may
cause confusion. Designers who feel more comfortable
with Maxim’s standard designations are advised that
the pin designations and logic diagrams on the
MAX4051/MAX4052/MAX4053 data sheet may be freely
applied to the MAX4581/MAX4582/MAX4583.
Low-Voltage, CMOS Analog
Multiplexers/Switches
10
______________________________________________________________________________________
X, Y, Z
X_, Y_, Z_
VEE
VCC
*INTERNAL PROTECTION DIODES
D2
EXTERNAL
BLOCKING DIODE
D1
EXTERNAL
BLOCKING DIODE
VEE
VCC
MAX4581
MAX4582
MAX4583
*
*
*
*
Figure 1. Overvoltage Protection Using External Blocking
Diodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com