Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4583C/D Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4583C/D
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4583C/D Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4583C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 14Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 15Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
14
______________________________________________________________________________________
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS.
OFF ISOLATION IS MEASURED BETWEEN COM AND "OFF" NO TERMINAL ON EACH SWITCH.
ON LOSS IS MEASURED BETWEEN COM AND "ON" NO TERMINAL ON EACH SWITCH.
CROSSTALK (MAX4582/MAX4583) IS MEASURED FROM ONE CHANNEL (A, B, C) TO ALL OTHER CHANNELS.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
VCC
VOUT
VIN
VEE
GND
VCC
VIN
VOUT
MEAS.
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
OFF ISOLATION = 20log
ON LOSS = 20log
CROSSTALK = 20log
50
Ω
REF.
B
VEE
VOUT
VIN
VOUT
VIN
A
CHANNEL
SELECT
C
Enable
X_, Y_, Z_
X, Y, Z
10nF
10nF
MAX4581
MAX4582
MAX4583
Figure 6. Off Isolation, On Loss, and Crosstalk
VCC
VEE
GND
VCC
B
VEE
A
CHANNEL
SELECT
1MHz
CAPACITANCE
ANALYZER
C
Enable
X_, Y_, Z_
X, Y, Z
MAX4581
MAX4582
MAX4583
Figure 7. Capacitance
_________________________________Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com