Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4583C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4583C/D
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4583C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4583C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4583C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(VCC = 4.5V to 5.5V, VEE = -4.5V to -5.5V, V_H = 2.4V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3:
∆RON = RON(MAX) - RON(MIN).
Note 4: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified
analog signal ranges; i.e., VX_, VY_, VZ_ = 3V to 0 and 0 to -3V.
Note 5: Leakage parameters are 100% tested at maximum-rated hot operating temperature, and guaranteed by correlation at TA = +25°C.
Note 6: Guaranteed by design, not production tested.
C, E, A
200
TA = +25°C
Address Transition Time
tTRANS
ns
VX_, VY_, VZ_ = ±3V; RL = 300
Ω; CL = 35pF;
Figure 2
90
200
C, E, A
150
TA = +25°C
Inhibit Turn-Off Time
t(OFF)
ns
VX_, VY_, VZ_ = 3V; RL = 300
Ω; CL = 35pF;
Figure 3
40
100
C, E, A
-10
10
C, E, A
TA = +25°C
200
TA = +25°C
Inhibit Turn-On Time
t(ON)
ns
VX_, VY_, VZ_ = 3V; RL = 300
Ω; CL = 35pF;
Figure 3
100
200
Power-Supply Current
ICC, IEE
µA
VCC = 5.5V, VEE = -5.5V,
VA, VB, VC, VEnable = V+ or 0
-1
1
PARAMETER
SYMBOL
TEMP
UNITS
MIN
TYP
MAX
(Note 2)
CONDITIONS
TA = +25°C
Break-Before-Make Time
tBBM
ns
VX_, VY_, VZ_ = 3V; RL = 300
Ω; CL = 35pF;
Figure 4
420
Charge Injection (Note 6)
Q
pC
TA = +25°C
C = 1nF, RS = 0Ω, VS = 0V
0.5
5
pF
Output Off Capacitance
CX(OFF),
CY(OFF),
CZ(OFF)
TA = +25°C
VX_, VY_, VZ_ = 0V; f = 1MHz;
Figure 7
18
pF
Output On Capacitance
CX(ON),
CY(ON),
CZ(ON)
TA = +25°C
VX_, VY_, VZ_ = 0V; f = 1MHz;
Figure 7
25
MAX4581
MAX4581
dB
Off Isolation
VISO
TA = +25°C
-73
10
MAX4582
6
MAX4583
17
12.5
MAX4583
MAX4582
pF
Channel-to-Channel
Crosstalk
VCT
TA = +25°C
RL = 50Ω, f = 1MHz, Figure 6
-96
MAX4582
TA = +25°C
MAX4583
RL = 50Ω, f = 1MHz, Figure 6
%
Total Harmonic
Distortion
THD
TA = +25°C
RL = 600Ω, 5Vp-p, f = 20Hz to 20kHz
0.02
-73
V
Power-Supply Range
VCC, VEE
C, E, A
±2
±6
C, E, A
Input Current High
IAH, IBH,
ICH
µA
VA, VB, VC = 2.4V
-1
1
C, E, A
Input Current Low
IAL, IBL,
ICL
µA
VA, VB, VC = 0.8V
-1
1
Input Off Capacitance
CX_(OFF),
CY_(OFF),
CZ_(OFF)
pF
TA = +25°C
VX_, VY_, VZ_ = 0V; f = 1MHz; Figure 7
4
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com