Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDDC25W-072 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEDDC25W-072
Description  AC or DC Input Switch Mode LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEDDC25W-072 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEDDC25W-072 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDDC25W-072 Datasheet HTML 2Page - List of Unclassifed Manufacturers LEDDC25W-072 Datasheet HTML 3Page - List of Unclassifed Manufacturers LEDDC25W-072 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LEDDC-25W Series– Fixed Output & Dimmable
AC or DC Input Switch Mode LED Drivers
Constant Current & Constant Voltage Output with Isolation
Black Magic Thermal Advantage™ Plastic Housing
Ordering Options:
-D:
0-10V & Resistance dimmable version comes with an extra two wires +Purple/-Gray on
the output side. -D 0-10V Dimming is compatible with most quality 0-10V wall dimmers
anddirect0-10Vanalogsignal.Seepage3foradditionalspecifications.
-PD: PWM Dimmable version comes with an extra two wires +Purple/-Gray on the output
side. PD PWM version is PWM Dimmable via a positive 10% to 100% Duty Cycle,
200Hzto1KHz,0-10VPulse.Seepage4foradditionalspecifications.
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max),
108-250 Vdc
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
<15.0 Amps @ 230 Vac, cold start 25ºC, max load
Input Current:
0.25 Amps @ 120 Vac, 60 Hz, max load
Maximum Power:
25W
Current Accuracy:
± 2% Over input line variation
Load Regulation:
± 3%
THD:
<_ 20% @ full load
Leakage Current:
400 µA Typical
Hold Up Time:
Half Cycle
Protection:
Output Over-Voltage, Output Over-Current, and
Output Short Circuit Protection reset by power cycling
Environmental Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Impact Resistance:
1g/s
Sound Rating:
Class A
MTBF:
482,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Weight:
198g (7.0 oz)
Constant Current - Product Specifications
Model Number
Output Current
(mA ±3%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
LEDDC25W-072-C0350-XX
350
24-72
25
86%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
LEDDC25W-072
72
88-350
25
86%
-XXindicatesdimmingoptionsareavailable.Seeoptionsatleft.Blank=fixedcurrentoutput
E332160
Sign Components Manual
Rev 9-2-15
• Total Power: 25 Watts
• Input Voltage: 100-277 Vac Nom. or 108-250 Vdc
• UL Dry & Damp Location Rated
• IP66 & NEMA4
• High Power Factor
• UL8750


Similar Part No. - LEDDC25W-072

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEDDC60W-086-C0700-XX ETC2-LEDDC60W-086-C0700-XX Datasheet
643Kb / 4P
AC or DC Input Switch Mode LED Drivers
More results

Similar Description - LEDDC25W-072

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-40W ETC2-LED-40W Datasheet
723Kb / 4P
Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
Switch Mode LED Drivers
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
Switch Mode LED Drivers
LEDDC60W-086-C0700-XX ETC2-LEDDC60W-086-C0700-XX Datasheet
643Kb / 4P
AC or DC Input Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
Switch Mode LED Drivers
logo
Shenzhen Huazhimei Semi...
HM9912 HMSEMI-HM9912 Datasheet
601Kb / 5P
DC or AC input LED driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com