Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDDC25W-072 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LEDDC25W-072
Description  AC or DC Input Switch Mode LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEDDC25W-072 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LEDDC25W-072 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDDC25W-072 Datasheet HTML 2Page - List of Unclassifed Manufacturers LEDDC25W-072 Datasheet HTML 3Page - List of Unclassifed Manufacturers LEDDC25W-072 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 4 of 4
SSL Solutions Faster Than The Speed Of Light®
“-PD” Option: 0-10VDC and Resistance Dimming
PWM In
PWM Positive Dimming Typical Circuit
LEDDC25W-XX-CXXXX-PD
PWM (+) Purple
PWM (-) Gray
Parameters
Minimum
Typical
Maximum
Absolute Maximum Voltage Range on PWM Input (Purple Wire)
-2.0V
10V
+28V
Input LOW Level Voltage Range (Purple Wire)
-2.0
0V
+7.5V
Input HIGH Level Voltage Range (Purple Wire)
+9.0
10V
28V
Sink Current into PWM Input (Purple Wire)
0mA
—
1.2mA
PWM Input Signal Frequency
200Hz
—
1000Hz
PWM Input Signal Positive Duty Cycle
0%
10-90%
100%
Notes:
1. PWM Dimmable version comes with an extra 2 wires +Purple/-Gray on the output side.
2. Below 10% Duty cycle proper dimming operation is not assured. Unit is not intended to turn off at <10% Duty Cycle.
3. PWM dimmable version output will be 100% with Purple/Gray open and minimum with Purple/Gray Shorted.
0%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Positive Duty Cycle
Output Current / Positive Duty Cycle
0
10
20
30
40
50
60
70
80
90
100
LEDDC25W Series
Note:
Disconnect power to LED driver for at least 30 seconds before connecting or disconnecting Driver output and LED Engine. This prevents potential arcing transients
that can damage the Engine and Driver. See Hot Plugging in our Driver Application Guide for more information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com