Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDDC25W-072 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEDDC25W-072
Description  AC or DC Input Switch Mode LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEDDC25W-072 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEDDC25W-072 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEDDC25W-072 Datasheet HTML 2Page - List of Unclassifed Manufacturers LEDDC25W-072 Datasheet HTML 3Page - List of Unclassifed Manufacturers LEDDC25W-072 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 4
SSL Solutions Faster Than The Speed Of Light®
Dimensions - Inches (mm)
UL Conditions of Acceptability
See website for additional information
Safety and EMC Compliance
UL/CUL
UL8750, CSA 22.2
C E
EN 61347
EN 61000-3-2
EN 61000-3-3
Class C
Dimming
Purple (+)
Gray (-)
Input
White (N)
Black (L)
Output
Red (+)
Blue (-)
WIRE SPECS:
Input Leads: 18 AWG, rated 600 V, 105C, min.
Output Leads: 18 AWG, rated 300 V, 105C, min.
Dimming Leads: 22 AWG, rated 300 V, 105C.
All wires are stranded with solder dipped ends.
Tc = 90°C max
LEDDC25W Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com