Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4583ASE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4583ASE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4583ASE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4583ASE Datasheet HTML 1Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 2Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 3Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 4Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 5Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 6Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 7Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 8Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
________________General Description
The MAX4581/MAX4582/MAX4583 are low-voltage,
CMOS analog ICs configured as an 8-channel multiplexer
(MAX4581), two 4-channel multiplexers (MAX4582), and
three single-pole/double-throw (SPDT) switches
(MAX4583).
These CMOS devices can operate continuously with
±2V to ±6V dual power supplies or a +2V to +12V sin-
gle supply. Each switch can handle Rail-to-Rail® ana-
log signals. The off-leakage current is only 1nA at
+25°C or 5nA at +85°C.
All digital inputs have 0.8V to 2.4V logic thresholds,
ensuring TTL/CMOS-logic compatibility when using a
single +5V or dual ±5V supplies.
________________________Applications
Battery-Operated Equipment
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communications Circuits
Automotive
____________________________Features
o Pin Compatible with Industry-Standard
74HC4051/74HC4052/74HC4053 and
MAX4051/MAX4052/MAX4053
o Offered in Automotive Temperature Range
(-40°C to +125°C)
o Guaranteed On-Resistance:
80
Ω with ±5V Supplies
150
Ω with Single +5V Supply
o Guaranteed On-Resistance Match Between
Channels
o Guaranteed Low Off-Leakage Current:
1nA at +25°C
o Guaranteed Low On-Leakage Current:
1nA at +25°C
o +2V to +12V Single-Supply Operation
±2V to ±6V Dual-Supply Operation
o TTL/CMOS-Logic Compatible
o Low Distortion: < 0.02% (600
Ω)
o Low Crosstalk: < -96dB (50
Ω, MAX4582)
o High Off-Isolation: < -74dB (50
Ω)
Low-Voltage, CMOS Analog
Multiplexers/Switches
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
X2
X1
X0
X3
A
B
C
X4
X6
X
X7
X5
Enable
VEE
GND
TOP VIEW
MAX4581
DIP/SO/QSOP/TSSOP
LOGIC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
Y
X
X1
X0
A
B
C
Y1
Y0
Z1
Z
Z0
Enable
VEE
GND
MAX4583
DIP/SO/QSOP/TSSOP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC
X2
X1
X
X0
X3
A
B
Y0
Y2
Y
Y3
Y1
Enable
VEE
GND
MAX4582
DIP/SO/QSOP/TSSOP
LOGIC
____________________________________Pin Configurations/Functional Diagrams
19-1328; Rev 1; 10/99
PART
MAX4581CPE
MAX4581CSE
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
_______________Ordering Information
Ordering Information continued at end of data sheet.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
MAX4581CUE
0°C to +70°C
16 TSSOP
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.


Similar Part No. - MAX4583ASE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4583ASE MAXIM-MAX4583ASE Datasheet
553Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
More results

Similar Description - MAX4583ASE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com