Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4583ASE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4583ASE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4583ASE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4583ASE Datasheet HTML 1Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 2Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 3Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 4Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 5Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 6Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 7Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 8Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(VCC = 2.7V to 3.6V, VEE = 0V, V_H = 2.0V, V_L = 0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
SWITCH DYNAMIC CHARACTERISTICS
C, E, A
400
TA = +25°C
Address Transition
Time
tTRANS
ns
VX_, VY_, VZ_ = 1.5V/0V; RL = 300
Ω;
CL = 35pF; Figure 2
130
300
C, E, A
300
TA = +25°C
Enable Turn-Off Time
t(OFF)
ns
VX_, VY_, VZ_ = 1.5V; RL = 300
Ω;
CL = 35pF; Figure 3
50
200
C, E, A
TA = +25°C
-10
10
Break-Before-Make Time
tBBM
ns
C, E, A
VX_, VY_, VZ_ = 1.5V; RL = 300
Ω; CL = 35pF
15
40
C, E, A
TA = +25°C
400
C, E, A
Logic Input Logic
Threshold High
VAH, VBH, VCH,
VEnableH
V
1.0
2.0
C, E, A
Input Current High
IAH, IBH, ICH,
IEnableH
µA
VA, VB, VC = VEnable = 2.0V
-100
100
-1
1
C, E, A
Logic Input Logic
Threshold Low
VAL, VBL, VCL,
VEnableL
V
0.5
1.0
TA = +25°C
Enable Turn-On Time
t(ON)
ns
VX_, VY_, VZ_ = 1.5V; RL = 300
Ω;
CL = 35pF; Figure 3
170
300
C, E, A
C, E, A
Input Current Low
TA = +25°C
IAL, IBL, ICL,
IEnableL
X, Y, Z Off Leakage
(Note 6)
IX(OFF),
IY(OFF),
IZ(OFF)
nA
MAX4581
µA
VCC = 3.6V;
VX_, VY_, VZ_ = 1V, 3.0V;
VX, VY, VZ = 3.0V, 1V
VA, VB, VC = VEnable = 0.5V
-100
100
TA = +25°C
-2
2
X, Y, Z On Leakage
(Note 6)
IX(ON),
IY(ON),
IZ(ON)
nA
MAX4581
VCC = 3.6V;
VX, VY, VZ = 3.0V, 1V
-2
2
C, E, A
C, E, A
X_, Y_, Z_ Off Leakage
(Note 5)
Power-Supply Range
VCC, VEE
-50
50
IX_(OFF),
IY_(OFF),
IZ_(OFF)
TA = +25°C
nA
VCC = 3.6V; VX_, VY_, VZ_ = 1V, 3V;
VX, VY, VZ = 3V, 1V
Power-Supply Current
V
ICC, IEE
µA
-1
1
TA = +25°C
-50
50
TA = +25°C
-1
1
Switch On-Resistance
-1
1
-1
1
VCC = 3.6V,
VA, VB, VC, VEnable = V+ or 0
-1
1
-10
10
PARAMETER
212
RON
TA = +25°C
SYMBOL
TEMP
Ω
C, E, A
VCC = 2.7V; IX, IY, IZ = 0.1mA;
VX, VY, VZ = 1.5V
190
450
C, E, A
550
C, E, A
UNITS
MIN
TYP
MAX
(Note 2)
CONDITIONS
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 5: Leakage parameters are 100% tested at maximum-rated hot operating temperature, and guaranteed by correlation at TA = +25°C.
Note 6: Guaranteed by design, not production tested.
Analog-Signal Range
VX_, VY_, VZ_,
VX, VY, VZ
V
VEE
VCC
C, E, A
Power-Supply Current
ICC, IEE
µA
-1
1
TA = +25°C
VCC = 3.6V;
VA, VB, VC, VEnable = V+ or 0
-10
10
C, E, A
POWER SUPPLY
ANALOG SWITCH
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS (Note 6)
POWER SUPPLY
MAX4582
MAX4583
MAX4582
MAX4583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com