Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4583ASE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4583ASE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4583ASE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4583ASE Datasheet HTML 3Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 4Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 5Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 6Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 7Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 8Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 9Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 10Page - Maxim Integrated Products MAX4583ASE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
_______________________________________________________________________________________
7
0.01
SUPPLY CURRENT vs.
TEMPERATURE
100
TEMPERATURE (°C)
10
1
0.1
-50
125
25
-25
0
75
50
100
ICC
IEE
VCC = 5V
VEE = -5V
VA, VB,VC,VEnable = 0V, 5V
0
-120
-110
-100
0.1
10
100
1
FREQUENCY RESPONSE
-90
-80
MAX4581-09
FREQUENCY (MHz)
-60
-50
-70
-30
-20
-10
-40
120
-120
-110
-80
-60
-40
0
20
-20
60
80
100
40
ON LOSS
OFF LOSS
ON PHASE
100
0.01
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.1
FREQUENCY (Hz)
1
10
600
Ω IN AND OUT
1
10-1
10-2
VCC = 12V
VCC = 5V
10-3
10-4
10-5
10-6
10-7
10-8
10-9
10-10
10-11
02
3
14
6
57
8
9
11
10
12
VCC CURRENT vs. LOGIC LEVEL
(VA, VB, VC, VEnable)
VA, VB, VC, VEnable
0
1.0
0.5
2.0
1.5
2.5
3.0
0
234
15
7
6
8
9 101112
LOGIC-LEVEL THRESHOLD vs. VCC
VCC (V)
Typical Operating Characteristics (continued)
(VCC = 5V, VEE = -5V, GND = 0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com