Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP2950
Description  LP295x Adjustable Micropower Voltage Regulators with Shutdown
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP2950 Datasheet HTML 8Page - Texas Instruments LP2950 Datasheet HTML 9Page - Texas Instruments LP2950 Datasheet HTML 10Page - Texas Instruments LP2950 Datasheet HTML 11Page - Texas Instruments LP2950 Datasheet HTML 12Page - Texas Instruments LP2950 Datasheet HTML 13Page - Texas Instruments LP2950 Datasheet HTML 14Page - Texas Instruments LP2950 Datasheet HTML 15Page - Texas Instruments LP2950 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
+
1.23-V Reference
Error
Amplifier
GND
OUTPUT
INPUT
LP2950, LP2951
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
www.ti.com
7 Detailed Description
7.1 Overview
The LP2950 and LP2951 devices are bipolar, low-dropout voltage regulators that can accommodate a wide input
supply-voltage range of up to 30 V. The easy-to-use, 3-pin LP2950 is available in fixed-output voltages of 5 V,
3.3 V, and 3 V. However, the 8-pin LP2951 device is able to output either a fixed or adjustable output from the
same device. By tying the OUTPUT and SENSE pins together, and the FEEDBACK and VTAP pins together, the
LP2951 device outputs a fixed 5 V, 3.3 V, or 3 V (depending on the version). Alternatively, by leaving the SENSE
and VTAP pins open and connecting FEEDBACK to an external resistor divider, the output can be set to any
value between 1.235 V to 30 V.
The 8-pin LP2951 device also offers additional functionality that makes it particularly suitable for battery-powered
applications. For example, a logic-compatible shutdown feature allows the regulator to be put in standby mode
for power savings. In addition, there is a built-in supervisor reset function in which the ERROR output goes low
when VOUT drops by 6% of its nominal value for whatever reasons – due to a drop in VIN, current limiting, or
thermal shutdown.
The LP2950 and LP2951 devices are designed to minimize all error contributions to the output voltage. With a
tight output tolerance (0.5% at 25°C), a very low output voltage temperature coefficient (20 ppm typical),
extremely good line and load regulation (0.3% and 0.4% typical), and remote sensing capability, the parts can be
used as either low-power voltage references or 100-mA regulators.
7.2 LP2950 Functional Block Diagram
12
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com