Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP2950
Description  LP295x Adjustable Micropower Voltage Regulators with Shutdown
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP2950 Datasheet HTML 13Page - Texas Instruments LP2950 Datasheet HTML 14Page - Texas Instruments LP2950 Datasheet HTML 15Page - Texas Instruments LP2950 Datasheet HTML 16Page - Texas Instruments LP2950 Datasheet HTML 17Page - Texas Instruments LP2950 Datasheet HTML 18Page - Texas Instruments LP2950 Datasheet HTML 19Page - Texas Instruments LP2950 Datasheet HTML 20Page - Texas Instruments LP2950 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
®
=
p ´
´
;
(CBYPASS)
(BYPASS)
1
f
200 Hz
C
2
R1 200 Hz
LP2950, LP2951
www.ti.com
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
Typical Application (continued)
8.2.2 Detailed Design Procedure
8.2.2.1 Capacitance Value
For VOUT ≥ 5 V, a minimum of 1 μF is required. For lower VOUT, the regulator’s loop gain is running closer to unity
gain and, thus, has lower phase margins. Consequently, a larger capacitance is needed for stability.
For VOUT = 3 V or 3.3 V, a minimum of 2.2 μF is recommended. For worst case, VOUT = 1.23 V (using the ADJ
version), a minimum of 3.3
μF is recommended. COUT can be increased without limit and only improves the
regulator stability and transient response. Regardless of its value, the output capacitor should have a resonant
frequency greater than 500 kHz.
The minimum capacitance values given above are for maximum load current of 100 mA. If the maximum
expected load current is less than 100 mA, then lower values of COUT can be used. For instance, if IOUT < 10 mA,
then only 0.33
μF is required for COUT. For IOUT < 1 mA, 0.1 μF is sufficient for stability requirements. Thus, for a
worst-case condition of 100-mA load and VOUT = VREF = 1.235 V (representing the highest load current and
lowest loop gain), a minimum COUT of 3.3 μF is recommended.
For the LP2950/51, no load stability is inherent in the design — a desirable feature in CMOS circuits that are put
in standby (such as RAM keep-alive applications). If the LP2951 is used with external resistors to set the output
voltage, a minimum load current of 1
μA is recommended through the resistor divider.
8.2.2.2 Capacitor Types
Most tantalum or aluminum electrolytics are suitable for use at the input. Film-type capacitors also work but at
higher cost. When operating at low temperature, care should be taken with aluminum electrolytics, as their
electrolytes often freeze at –30°C. For this reason, solid tantalum capacitors should be used at temperatures
below –25°C.
Ceramic capacitors can be used, but due to their low ESR (as low as 5 m
Ω to 10 mΩ), they may not meet the
minimum ESR requirement previously discussed. If a ceramic capacitor is used, a series resistor between
0.1
Ω to 2 Ω must be added to meet the minimum ESR requirement. In addition, ceramic capacitors have one
glaring disadvantage that must be taken into account — a poor temperature coefficient, where the capacitance
can vary significantly with temperature. For instance, a large-value ceramic capacitor (
≥ 2.2 μF) can lose more
than half of its capacitance as temperature rises from 25°C to 85°C. Thus, a 2.2-
μF capacitor at 25°C drops well
below the minimum COUT required for stability as ambient temperature rises. For this reason, select an output
capacitor that maintains the minimum 2.2
μF required for stability for the entire operating temperature range.
8.2.2.3 CBYPASS: Noise and Stability Improvement
In the LP2951 device, an external FEEDBACK pin directly connected to the error amplifier noninverting input can
allow stray capacitance to cause instability by shunting the error amplifier feedback to GND, especially at high
frequencies. This is worsened if high-value external resistors are used to set the output voltage, because a high
resistance allows the stray capacitance to play a more significant role; i.e., a larger RC time delay is introduced
between the output of the error amplifier and its FEEDBACK input, leading to more phase shift and lower phase
margin. A solution is to add a 100-pF bypass capacitor (CBYPASS) between OUTPUT and FEEDBACK; because
CBYPASS is in parallel with R1, it lowers the impedance seen at FEEDBACK at high frequencies, in effect
offsetting the effect of the parasitic capacitance by providing more feedback at higher frequencies. More
feedback forces the error amplifier to work at a lower loop gain, so COUT should be increased to a minimum of
3.3
μF to improve the regulator’s phase margin.
CBYPASS can be also used to reduce output noise in the LP2951 device. This bypass capacitor reduces the
closed loop gain of the error amplifier at the high frequency, so noise no longer scales with the output voltage.
This improvement is more noticeable with higher output voltages, where loop gain reduction is greatest. A
suitable CBYPASS is calculated as shown in Equation 2:
(2)
On the 3-pin LP2950 device, noise reduction can be achieved by increasing the output capacitor, which causes
the regulator bandwidth to be reduced, thus eliminating high-frequency noise. However, this method is relatively
inefficient, as increasing COUT from 1 μF to 220 μF only reduces the regulator’s output noise from
430
μV to 160 μV (over a 100-kHz bandwidth).
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com