Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP2950
Description  LP295x Adjustable Micropower Voltage Regulators with Shutdown
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950 Datasheet(HTML) 3 Page - Texas Instruments

  LP2950 Datasheet HTML 1Page - Texas Instruments LP2950 Datasheet HTML 2Page - Texas Instruments LP2950 Datasheet HTML 3Page - Texas Instruments LP2950 Datasheet HTML 4Page - Texas Instruments LP2950 Datasheet HTML 5Page - Texas Instruments LP2950 Datasheet HTML 6Page - Texas Instruments LP2950 Datasheet HTML 7Page - Texas Instruments LP2950 Datasheet HTML 8Page - Texas Instruments LP2950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1
2
3
4
8
7
6
5
INPUT
FEEDBACK
VTAP
ERROR
OUTPUT
SENSE
SHUTDOWN
GND
LP2951
D OR P PACKAGE
(TOP VIEW)
OUTPUT
GND
INPUT
LP2950
LP PACKAGE
(BOTTOM VIEW)
LP2951
DRG PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
INPUT
FEEDBACK
V
TAP
ERROR
OUTPUT
SENSE
SHUTDOWN
GND
Thermal
Pad
LP2950, LP2951
www.ti.com
SLVS582I – APRIL 2006 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
LP2950
LP2951
Active-low open-collector error output. Goes low when VOUT drops by 6% of its
ERROR
5
O
nominal value.
Determines the output voltage. Connect to VTAP (with OUTPUT tied to SENSE)
FEEDBACK
7
I
to output the fixed voltage corresponding to the part version, or connect to a
resistor divider to adjust the output voltage.
GND
2
4
Ground
INPUT
3
8
I
Supply input
OUTPUT
1
1
O
Voltage output.
Senses the output voltage. Connect to OUTPUT (with FEEDBACK tied to VTAP)
SENSE
2
I
to output the voltage corresponding to the part version.
SHUTDOWN
3
I
Active-high input. Shuts down the device.
VTAP
6
O
Tie to FEEDBACK to output the fixed voltage corresponding to the part version.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP2950 LP2951



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com